Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10831 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10831
Description  10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10831 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button ADC10831 Datasheet HTML 18Page - National Semiconductor (TI) ADC10831 Datasheet HTML 19Page - National Semiconductor (TI) ADC10831 Datasheet HTML 20Page - National Semiconductor (TI) ADC10831 Datasheet HTML 21Page - National Semiconductor (TI) ADC10831 Datasheet HTML 22Page - National Semiconductor (TI) ADC10831 Datasheet HTML 23Page - National Semiconductor (TI) ADC10831 Datasheet HTML 24Page - National Semiconductor (TI) ADC10831 Datasheet HTML 25Page - National Semiconductor (TI) ADC10831 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Applications Hints (Continued)
30 APPLICATIONS INFORMATION
31 Multiplexer Configuration
The design of these converters utilizes a sampled-data
comparator structure which allows a differential analog in-
put to be converted by the successive approximation rou-
tine
The actual voltage converted is always the difference be-
tween an assigned ‘‘a’’ input terminal and a ‘‘b’’ input ter-
minal The polarity of each input terminal or pair of input
terminals being converted indicates which line the converter
expects to be the most positive
A unique input multiplexing scheme has been utilized to pro-
vide multiple analog channels The input channels can be
software configured into three modes differential single-
ended or pseudo-differential
Figure 12 illustrates the three
modes using the 4-channel MUX of the ADC10834 The
eight inputs of the ADC10838 can also be configured in any
of the three modes The single-ended mode has CH0 – CH3
assigned as the positive input with COM serving as the neg-
ative input In the differential mode the ADC10834 channel
inputs are grouped in pairs CH0 with CH1 and CH2 with
CH3 The polarity assignment of each channel in the pair is
interchangeable Finally in the pseudo-differential mode
CH0 – CH3 are positive inputs referred to COM which is now
a pseudo-ground This pseudo-ground input can be set to
any potential within the input common-mode range of the
converter The analog signal conditioning required in trans-
ducer-based data acquisition systems is significantly simpli-
fied with this type of input flexibility One converter package
can now handle ground-referred inputs and true differential
inputs as well as signals referred to a specific voltage
The analog input voltages for each channel can range from
50 mV below Vb to 50 mV above Va e DVa e AVa
without degrading conversion accuracy If the voltage on an
unselected channel exceeds these limits it may corrupt the
reading of the selected channel
32 Reference Considerations
The voltage difference between the VREFa and VREFb in-
puts defines the analog input voltage span (the difference
between VIN(Max) and VIN(Min)) over which 1023 positive
and 1024 negative possible output codes apply
The value of the voltage on the VREFa or VREFb inputs
can be anywhere between AVa a 50 mV and GND
b
50 mV so long as VREFa is greater than VREFb The
ADC10831248 can be used in either ratiometric applica-
tions or in systems requiring absolute accuracy The refer-
ence pins must be connected to a voltage source capable
of driving the minimum reference input resistance of 5 kX
The
internal
25V
bandgap
reference
in
the
ADC10831248 is available as an output on the V
REFOut
pin To ensure optimum performance this output needs to
be bypassed to ground with 100 mF aluminum electrolytic or
tantalum capacitor The reference output can be unstable
with capacitive loads greater than 100 pF and less than
100 mF Any capacitive loading less than 100 pF and
greater than 100 mF will not cause oscillation
Lower
output noise can be obtained by increasing the output ca-
pacitance A 100 mF capacitor will yield a typical noise floor
of 200 nV
0Hz The pseudo-differential and differential mul-
tiplexer modes allow for more flexibility in the analog input
voltage range since the ‘‘zero’’ reference voltage is set by
the actual voltage applied to the assigned negative input
pin
In a ratiometric system
(Figure 13a) the analog input volt-
age is proportional to the voltage used for the AD refer-
ence This voltage may also be the system power supply so
VREFa can also be tied to AVa This technique relaxes the
stability requirements of the system reference as the analog
input and AD reference move together maintaining the
same output code for a given input condition
For absolute accuracy
(Figure 13b) where the analog input
varies between very specific voltage limits the reference pin
can be biased with a time- and temperature-stable voltage
source that has excellent initial accuracy The LM4040
LM4041 and LM185 references are suitable for use with the
ADC10831248
The minimum value of VREF (VREF e VREFa –VREFb) can
be quite small (see Typical Performance Characteristics) to
allow direct conversion of transducer outputs providing less
than a 5V output span Particular care must be taken with
regard to noise pickup circuit layout and system error volt-
age sources when operating with a reduced span due to the
increased sensitivity of the converter (1 LSB equals VREF
1024)
33 The Analog Inputs
Due to the sampling nature of the analog inputs at the clock
edges short duration spikes of current will be seen on the
selected assigned negative input Input bypass capacitors
should not be used if the source resistance is greater than
1kX since they will average the AC current and cause an
effective DC current to flow through the analog input source
resistance An op amp RC active lowpass filter can provide
both impedance buffering and noise filtering should a high
impedance signal source be required Bypass capacitors
may be used when the source impedance is very low with-
out any degradation in performance
In a true differential input stage a signal that is common to
both
‘‘a’’
and
‘‘b’’
inputs
is
canceled
For
the
ADC10831248 the positive input of a selected channel
pair is only sampled once before the start of a conversion
during the acquisition time (tA) The negative input needs to
be stable during the complete conversion sequence be-
cause it is sampled before each decision in the SAR se-
quence Therefore any AC common-mode signal present
on the analog inputs will not be completely canceled and
will cause some conversion errors For a sinusoid common-
mode signal this error is
VERROR(max) e VPEAK (2 q fCM)(tC)
where fCM is the frequency of the common-mode signal
VPEAK is its peak voltage value and tC is the AD’s conver-
sion time (tC e 12fCLK) For example for a 60 Hz com-
mon-mode signal to generate a
LSB error (061 mV) with
a 48 ms conversion time its peak value would have to be
approximately 337 mV
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com