Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5452 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # MM5452
Description  Liquid Crystal Display Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5452 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM5452 Datasheet HTML 1Page - National Semiconductor (TI) MM5452 Datasheet HTML 2Page - National Semiconductor (TI) MM5452 Datasheet HTML 3Page - National Semiconductor (TI) MM5452 Datasheet HTML 4Page - National Semiconductor (TI) MM5452 Datasheet HTML 5Page - National Semiconductor (TI) MM5452 Datasheet HTML 6Page - National Semiconductor (TI) MM5452 Datasheet HTML 7Page - National Semiconductor (TI) MM5452 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin
VSS to VSS a 10V
Operating Temperature
0 Cto a70 C
Storage Temperature
b
65 Cto a150 C
Power Dissipation
300 mW at a70 C
350 mW at a25 C
Junction Temperature
a
150 C
Lead Temperature (Soldering 10 sec)
300 C
Electrical Characteristics
TA within operating range VDD e 30V to 10V VSS e 0V unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Power Supply
3
10
V
Power Supply Current
Excluding Outputs
OSC e VSS BPIN
32 Hz
40
m
A
VDD e 5V Open Outputs No Clock
10
m
A
Clock Frequency
500
kHz
Input Voltages
Logical ‘0’ Level
VDD k 475
b
03
01 VDD
V
VDD t 475
b
03
08
V
Logical ‘1’ Level
VDD l 525
08 VDD
VDD
V
VDD s 525
20
VDD
V
Output Current Levels
Segments
Sink
VDD e 3V VOUT e 03V
b
20
m
A
Source
VDD e 3V VOUT e VDD b 03V
20
m
A
Backplane
Sink
VDD e 3V VOUT e 03V
b
320
m
A
Source
VDD e 3V VOUT e VDD b 03V
320
m
A
Output Offset Voltage
Segment Load 250 pF
g
50
mV
Backplane Load 8750 pF (Note 1)
Clock Input Frequency fC
(Notes 2 and 3)
500
kHz
High Time th
950
ns
Low Time tl
950
ns
Data Input
Set-Up Time tDS
300
ns
Hold Time tDH
300
ns
Data Enable Input
100
ns
Set-Up Time tDES
Note 1
This parameter is guaranteed (not 100% production tested) over operating temperature and supply voltage ranges Not to be used in QA testing
Note 2
AC input waveform for test purpose tr s 20 ns tf s 20 ns f e 500 kHz 50% g10% duty cycle
Note 3
Clock input rise and fall times must not exceed 300 ns
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com