Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754AR Datasheet(PDF) 42 Page - Analog Devices

Part # ADE7754AR
Description  Poly-phase Multi-Function Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754AR Datasheet(HTML) 42 Page - Analog Devices

Back Button ADE7754AR Datasheet HTML 36Page - Analog Devices ADE7754AR Datasheet HTML 37Page - Analog Devices ADE7754AR Datasheet HTML 38Page - Analog Devices ADE7754AR Datasheet HTML 39Page - Analog Devices ADE7754AR Datasheet HTML 40Page - Analog Devices ADE7754AR Datasheet HTML 41Page - Analog Devices ADE7754AR Datasheet HTML 42Page - Analog Devices ADE7754AR Datasheet HTML 43Page - Analog Devices ADE7754AR Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
ADE7754
– 42 –
Interrupt Mask Register (0Fh)
When an interrupt event occurs in the ADE7754, the IRQ logic output goes active low if the mask bit for this event is logic
one in this register. The IRQ logic output is reset to its default collector open state when the RSTATUS register is read. The
following describes the function of each bit in the Interrupt Mask Register.
Table XVI MASK Register
Bit
Interrupt
Default
Location
Flag
Value
Description
0
AEHF
0
Enables an interrupt when there is a 0 to 1 transition of the MSB of the AENERGY register
(i.e. the AENERGY register is half-full)
1
SAGA
0
Enables an interrupt when there is a SAG on the line voltage of the Phase A
2
SAGB
0
Enables an interrupt when there is a SAG on the line voltage of the Phase B
3
SAGC
0
Enables an interrupt when there is a SAG on the line voltage of the Phase C
4
ZXTOA
0
Enables an interrupt when there is a zero crossing time out detection on Phase A
5
ZXTOB
0
Enables an interrupt when there is a zero crossing time out detection on Phase B
6
ZXTOC
0
Enables an interrupt when there is a zero crossing time out detection on Phase C
7
Z X A
0
Enables an interrupt when there is a rising zero crossing in voltage channel of the phase
A —Zero Crossing Detection
8
Z X B
0
Enables an interrupt when there is a rising zero crossing in voltage channel of the phase
B —Zero Crossing Detection
9
Z X C
0
Enables an interrupt when there is a rising zero crossing in voltage channel of the phase
C —Zero Crossing Detection
Ah
LENERGY
0
Enables an interrupt when the LAENERGY and LVAENERGY accumulations over
LINCYC are finished
B h
Reserved
C h
PKV
0
Enables an interrupt when the voltage input selected in the MMODE register is above the
value in the PKVLVL register
D h
PKI
0
Enables an interrupt when the current input selected in the MMODE register is above the
value in the PKILVL register.
E h
WFSM
0
Enables an interrupt when a data is present in the Waveform Register.
F h
VAEHF
0
Enables an interrupt when there is a 0 to 1 transition of the MSB of the VAENERGY
register (i.e. the VAENERGY register is half-full)
INTERRUPT MASK REGISTER*
ADDR: 0Fh
0
1
2
3
4
5
6
7
00
0
0
0
0
0
0
8
9
A
B
C
D
E
F
00
0
0
0
0
0
0
VAEHF
(Apparent Energy Register Half Full)
AEHF
(Active Energy Register Half Full)
SAG
(SAG Event Detect)
WFMP
(New Waveform Sample Ready)
*Register contents show power on defaults
ZX
(Zero Crossing Time out Detection)
PKV
LENERGY
(End of the LAENERGY and LVAENERGY accumulation)
ZX
(Zero Crossing Detection)
Reserved
PKI
(Current channel Peak detection)
(Voltage channel Peak detection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com