Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP294 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AP294
Description  10 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AP294 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AP294 Datasheet HTML 1Page - Teledyne Technologies Incorporated AP294 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
F REQUENCY - MHz
5
10
30
50
100
150
200
250
300
350
Gain vs Temperature Vcc = 15
5.0
4.0
3.0
2.0
Noise Figure
K EY: + 25 ° C
+85 ° C
- 55 ° C
25.0
23.0
21.0
19.0
17.0
15.0
Power Output at 1 dB Compression
80
70
60
50
40
30
20
Intercept Point Vcc = 15
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
2nd HAR
IP 3
IP 2
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
80
70
60
50
40
30
20
Intercept Point Vcc = 12
FREQUENCY - MHz
2nd HAR
IP 3
IP 2
5
10
30
50
100
150
200
250
300
350
30.0
29.0
28.0
27.0
26.0
+15 V
+ 12 V
+15 V
+12 V
Model: AP294
Vcc=+15V
Icc=61.17
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.49
1.88
28.96
-160
-37.4
10
1.24
1.43
29.12
-173
-36.5
30
1.08
1.22
29.38
171
1.7
-36.5
50
1.03
1.20
29.48
161
1.5
-36.2
100
1.06
1.22
29.50
137
1.3
-36.1
150
1.12
1.29
29.46
114
1.3
-36.6
200
1.17
1.41
29.51
91
1.3
-36.7
250
1.23
1.67
29.61
66
1.4
-37.6
300
1.35
2.24
29.62
38
1.5
-38.1
350
1.63
3.44
29.18
7
1.7
-40.2
LINEAR S-PARAMETERS
Model: AP294
Vcc=+15
Icc=61.17
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.2
-69.6
28.07
-160.1
0.013
18.1
0.31
116.9
10
0.11
-73.5
28.56
-172.6
0.015
8.5
0.18
105.7
30
0.04
-91.4
29.44
171.5
0.015
-5.5
0.10
76.8
50
0.01
-123.6
29.79
160.7
0.015
-15.9
0.09
56.9
100
0.03
82.7
29.85
137.0
0.016
-28.9
0.10
19.4
150
0.06
47.5
29.71
114.1
0.015
-47.8
0.13
-12.8
200
0.08
15.9
29.89
90.8
0.015
-63.9
0.17
-48.1
250
0.1
-23.8
30.22
65.9
0.013
-84.4
0.25
-82.7
300
0.15
-71.9
30.27
38.3
0.012
-111.6
0.38
-117.6
350
0.24
-117.6
28.77
7.0
0.010
-147.1
0.55
-152.8
400
0.35
-157.9
24.71
-25.8
0.008
172.5
0.71
172.2
450
0.45
168.9
18.87
-56.3
0.005
123.0
0.79
141.4
Model: AP294
Vcc=+12V
Icc=49.11
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.46
1.81
28.76
-161
-37.0
10
1.23
1.40
28.90
-173
-36.5
30
1.08
1.22
29.14
171
1.6
-37.1
50
1.03
1.21
29.24
160
1.5
-35.9
100
1.04
1.25
29.25
136
1.3
-36.1
150
1.09
1.33
29.22
113
1.3
-36.5
200
1.13
1.47
29.24
89
1.3
-36.9
250
1.19
1.76
29.30
64
1.4
-37.8
300
1.34
2.38
29.24
36
1.6
-37.8
350
1.65
3.68
28.67
4
1.7
-40.2
LINEAR S-PARAMETERS
Model: AP294
Vcc=+12
Icc=49.11
FREQ
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.19
-68.1
27.42
-161.3
0.014
15.3
0.29
113.2
10
0.10
-69.5
27.85
-173.2
0.015
6.1
0.17
100.1
30
0.04
-82.8
28.64
171.1
0.014
-2.5
0.10
66.9
50
0.02
-98.1
28.97
160.3
0.016
-16.7
0.10
45.4
100
0.02
74.4
29.02
136.3
0.016
-30.3
0.11
10.1
150
0.04
36.2
28.90
113.2
0.015
-46.9
0.14
-20.5
200
0.06
3.1
28.97
89.4
0.014
-65.8
0.19
-53.4
250
0.09
-41.7
29.16
64.1
0.013
-88.4
0.27
-87.1
300
0.14
-89.3
28.97
36.0
0.013
-116.9
0.41
-121.2
350
0.25
-130.3
27.14
4.5
0.010
-155.9
0.57
-155.9
400
0.36
-166.8
22.96
-28.1
0.008
168.3
0.72
169.8
450
0.46
162.8
17.44
-57.9
0.005
119.3
0.8
139.8
AP294
-20
-
Amplifier Phase Noise
-120
-130
-140
-150
-160
-170
-180
OFFSET FREQUENCY - Hz
10
100
1000
10000
100000
1000000
AP294
Noise Floor
Po=21.0 dBm / Freq.=200 MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com