Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFN10BM6SFH Datasheet(PDF) 1 Page - Rohm

Part # RFN10BM6SFH
Description  Super Fast Recovery Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RFN10BM6SFH Datasheet(HTML) 1 Page - Rohm

  RFN10BM6SFH_16 Datasheet HTML 1Page - Rohm RFN10BM6SFH_16 Datasheet HTML 2Page - Rohm RFN10BM6SFH_16 Datasheet HTML 3Page - Rohm RFN10BM6SFH_16 Datasheet HTML 4Page - Rohm RFN10BM6SFH_16 Datasheet HTML 5Page - Rohm RFN10BM6SFH_16 Datasheet HTML 6Page - Rohm RFN10BM6SFH_16 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Super Fast Recovery Diode
RFN10BM6SFH
AEC-Q101 Qualified
Series
Dimensions (Unit : mm)
Land Size Figure (Unit : mm)
Standard Fast Recovery
Application
General rectification
Features
1) Low switching loss
Structure
2)
Construction
Taping Dimensions (Unit : mm)
Silicon epitaxial planar type
Absolute Maximum Ratings (T
c= 25°C)
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
Io
Tc=28°C
A
IFSM
A
Operating junction temperature
Tj
°C
Storage temperature
Tstg
°C
Electrical Characteristics (T
j = 25°C)
(
)1-3pin commom circuit
Symbol
Min.
Typ. Max.
Unit
VF
-
1.25
1.55
V
Reverse current
IR
-0.05
10
A
Reverse recovery time
trr
-
30
50
ns
Thermal resistance
Rth(j-c)
--
6.0
°C / W
Symbol
Limits
Unit
600
Parameter
Conditions
Duty≦0.5
High current overload capacity
IF=0.5A, IR=1A, Irr=0.25×IR
Junction to case
Forward voltage
Conditions
60Hz half sin wave ,Non-repetitive at Tj=25°C
(
)
-
-
600
100
150
55 to 150
VR=600V
Direct voltage
Average rectified foward current
IF=10A
10
Forward current surge peak
Parameter
60Hz half sin wave , Resistive load
Cathode
Anode
Anode
TO-252
2.3
1.6
2.3
6.0
1.6
6.8±0.1
8.0±0.1
4.0±0.1
2.0±0.05
φ1.55±0.1
      0
2.7±0.2
φ3.0±0.1
0.4±0.1
8.0±0.1
TL
3.00.1
1.550.1
1
ROHM : TO-252
JEITA : SC-63
: Manufacture Date
1
1/4
2016.02 - Rev.C


Similar Part No. - RFN10BM6SFH_16

ManufacturerPart #DatasheetDescription
logo
Rohm
RFN10BM6SFH ROHM-RFN10BM6SFH Datasheet
600Kb / 5P
Super Fast Recovery Diode
More results

Similar Description - RFN10BM6SFH_16

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
Super Fast Recovery Diode
RF2001NS3D ROHM-RF2001NS3D_11 Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
Super Fast Recovery Diode
RF2L6STE25 ROHM-RF2L6STE25 Datasheet
358Kb / 4P
Super Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com