Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F160DB75 Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM29F160DB75
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F160DB75 Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM29F160DB75 Datasheet HTML 38Page - Advanced Micro Devices AM29F160DB75 Datasheet HTML 39Page - Advanced Micro Devices AM29F160DB75 Datasheet HTML 40Page - Advanced Micro Devices AM29F160DB75 Datasheet HTML 41Page - Advanced Micro Devices AM29F160DB75 Datasheet HTML 42Page - Advanced Micro Devices AM29F160DB75 Datasheet HTML 43Page - Advanced Micro Devices AM29F160DB75 Datasheet HTML 44Page - Advanced Micro Devices AM29F160DB75 Datasheet HTML 45Page - Advanced Micro Devices AM29F160DB75 Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
Am29F160D
45
REVISION SUMMARY
Revision A (January 1999)
Initial release.
Revision B (June 14, 1999)
Global
Expanded data sheet into document with full specifica-
tions.
Deleted the 55 ns speed options.
Distinctive Characteristics
In the Ultra Low Power Consumption bullets, changed
the typical current to match the DC specifications
(CMOS Compatible) table.
Revision B+1 (July 7, 1999)
Connection Diagrams
Corrected the signals on pins 39 and 40 of the reverse
TSOP package.
Revision B+2 (July 14, 1999)
Global
Changed the VCC operating range of the 70 ns speed
option to 5.0 V ± 5%. Deleted all references to uniform
sector.
Command Definitions table
In Note 7, added a reference to CFI query mode.
Revision B+3 (July 30, 1999)
Global
Changed the part number designator for the 70 ns
speed option to 75 (with VCC rated at 5.0 V ± 5%).
DC Characteristics
TTL/NMOS Compatible table: Changed the maximum
current specification for ICC2 to 50 mA.
Revision B+4 (September 10, 1999)
Device Bus Operations
Write Protect (WP#): Clarified explanatory text.
Command Definitions
Autoselect Command Sequence: Added text and table
explaining effect of WP# input on autoselect code
output for 16 Kbyte boot sector.
Revision C (November 16, 1999)
AC Characteristics—Figure 14. Program
Operations Timing and Figure 15. Chip/Sector
Erase Operations
Deleted tGHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision D (December 4, 2000)
Removed Advance Information status from document.
Ordering Information
Deleted optional processing.
Table 9, Command Definitions
In Note 5, changed the lower address bit in don’t care
range to A11.
Table 11, Test Specifications
Changed capacitive loading on 70 ns speed option to
30 pF
Trademarks
Copyright © 2000 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com