Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR02-FS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PR02-FS
Description  High Pulse, Fusible, Non-Inductive, Flameproof, Metal Film Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR02-FS Datasheet(HTML) 1 Page - Vishay Siliconix

  PR02-FS Datasheet HTML 1Page - Vishay Siliconix PR02-FS Datasheet HTML 2Page - Vishay Siliconix PR02-FS Datasheet HTML 3Page - Vishay Siliconix PR02-FS Datasheet HTML 4Page - Vishay Siliconix PR02-FS Datasheet HTML 5Page - Vishay Siliconix PR02-FS Datasheet HTML 6Page - Vishay Siliconix PR02-FS Datasheet HTML 7Page - Vishay Siliconix PR02-FS Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PR02-FS
www.vishay.com
Vishay BCcomponents
Revision: 15-Feb-17
1
Document Number: 28915
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Pulse, Fusible, Non-Inductive, Flameproof,
Metal Film Resistor
DESCRIPTION
The specially developed product PR02-FS can be used for
applications in which defined fusible characteristics and
high voltage pulse handling is required. So this makes it
easy for designers to meet safety requirements in their
designs by selecting such products. Main applications are in
lighting electronics.
FEATURES
• Designed to meet UL1412 safety requirements
• Defined fusing characteristics
• Inherent non-inductive design
• Superior surge handling capability > 600 V
(1.2 / 50 μs pulse)
• Meets
active
and
passive
flammability
requirements as defined in IEC 60115-1 and
UL 94-V0
• Radial version is available
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• All general purpose power applications
• Lighting ballast
• Lighting electronics
• Snubber resistor for inductive loads
TECHNICAL SPECIFICATIONS
DESCRIPTION
PR02-FS
DIN size
0411
Resistance range
1
 to 100 
Resistance tolerance
± 10 %; ± 20 %
Temperature coefficient
± 250 ppm/K
Operating Temperature
-55 °C to +200 °C
Rated dissipation, P70
2 W
E-series
E12 (± 10 % and ± 20 %)
Generic specification
IEC 60115-1
Stability after:
Endurance at 70 °C; 1000 h
R max.: ± (5 % R + 0.1 )
Damp heat, steady state (56 days)
R max.: ± (3 % R + 0.1 )
Resistance to soldering heat (10 s, 260 °C)
R max.: ± (0.5 % R + 0.05 )


Similar Part No. - PR02-FS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR02-FS VISHAY-PR02-FS Datasheet
166Kb / 8P
High Pulse, Fusible, Non-Inductive, Flameproof, Metal Film Resistor
27-Nov-2018
PR02-FS VISHAY-PR02-FS_V01 Datasheet
166Kb / 8P
High Pulse, Fusible, Non-Inductive, Flameproof, Metal Film Resistor
27-Nov-2018
More results

Similar Description - PR02-FS

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
EMC WELWYN-EMC Datasheet
59Kb / 3P
Pulse Withstanding Fusible Flameproof Metal Film Resistors
FA025 WELWYN-FA025 Datasheet
93Kb / 2P
Flameproof Metal Film Resistors
MFP WELWYN-MFP Datasheet
394Kb / 2P
Flameproof Power Metal Film Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
FLAMEPROOF POWER METAL FILM RESISTORS
MFP16802FR IRCTT-MFP16802FR Datasheet
1Mb / 3P
Flameproof Power Metal Film Resistor
logo
Vishay Siliconix
FP000520K0J9500LB VISHAY-FP000520K0J9500LB Datasheet
241Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
Flameproof Power Metal Film Resistors
logo
Vishay Siliconix
CMFFUSE VISHAY-CMFFUSE Datasheet
108Kb / 3P
Metal Film Resistors, Special Purpose, Fusible, Flameproof
logo
TT Electronics.
EMC TTELEC-EMC Datasheet
518Kb / 4P
Pulse Withstanding Fusible Flameproof Metal Film Resistors
logo
Stackpole Electronics, ...
MPR SEI-MPR Datasheet
242Kb / 4P
Flameproof Metal Plate Resistor
12/03/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com