Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV642D Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM29LV642D
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV642D Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM29LV642D Datasheet HTML 1Page - Advanced Micro Devices AM29LV642D Datasheet HTML 2Page - Advanced Micro Devices AM29LV642D Datasheet HTML 3Page - Advanced Micro Devices AM29LV642D Datasheet HTML 4Page - Advanced Micro Devices AM29LV642D Datasheet HTML 5Page - Advanced Micro Devices AM29LV642D Datasheet HTML 6Page - Advanced Micro Devices AM29LV642D Datasheet HTML 7Page - Advanced Micro Devices AM29LV642D Datasheet HTML 8Page - Advanced Micro Devices AM29LV642D Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
PRELIMINARY
This Data Sheet states AMD’s current technical specifications regarding the Products described herein. This Data
Sheet may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 25022
Rev: A Amendment/0
Issue Date: August 14, 2001
Refer to AMD’s Website (www.amd.com) for the latest information.
Am29LV642D
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only
Uniform Sector Flash Memory with VersatileI/O
 Control
DISTINCTIVE CHARACTERISTICS
s Two 64 Megabit (Am29LV640D) in a single 64-ball 13
x 11 mm Fortified BGA package (Note: Features will
be described for each internal Am29LV640D)
s Two Chip Enable pins
— Two CE# pins to control selection of each internal
Am29LV640D devices
s Single power supply operation
— 3.0 to 3.6 volt read, erase, and program operations
s VersatileI/O
 control
— Device generates data output voltages and tolerates
data input voltages as determined by the voltage on
the V
IO pin
s High performance
— Access times as fast as 90 ns
s Manufactured on 0.23 µm process technology
s CFI (Common Flash Interface) compliant
— Provides device-specific information to the system,
allowing host software to easily reconfigure for
different Flash devices
s Ultra low power consumption (typical values at 3.0 V,
5 MHz) for the part
— 9 mA typical active read current
— 26 mA typical erase/program current
— 400 nA typical standby mode current
s Flexible sector architecture
— Two hundred fifty-six 32 Kword sectors
s Sector Protection
— A hardware method to lock a sector to prevent
program or erase operations within that sector
— Sectors can be locked in-system or via programming
equipment
— Temporary Sector Unprotect feature allows code
changes in previously locked sectors
s Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically writes
and verifies data at specified addresses
s Compatibility with JEDEC standards
— Except for the additional CE2# pin, the Fortified BGA
is pinout and software compatible with single-power
supply Flash
— Superior inadvertent write protection
s Minimum 1 million erase cycle guarantee per sector
s 64-ball Fortified BGA Package
s Erase Suspend/Erase Resume
— Suspends an erase operation to read data from, or
program data to, a sector that is not being erased,
then resumes the erase operation
s Data# Polling and toggle bits
— Provides a software method of detecting program or
erase operation completion
s Unlock Bypass Program command
— Reduces overall programming time when issuing
multiple program command sequences
s Ready/Busy# pin (RY/BY#)
— Provides a hardware method of detecting program or
erase cycle completion
s Hardware reset pin (RESET#)
— Hardware method to reset the device for reading array
data
s ACC pin
— Accelerates programming time for higher throughput
during system production
s Program and Erase Performance (V
HH not applied to
the ACC input pin)
— Word program time: 11 µs typical
— Sector erase time: 1.6 s typical for each 32 Kword
sector
s 20-year data retention at 125
°C
— Reliable operation for the life of the system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com