Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LVI16D Datasheet(PDF) 43 Page - Advanced Micro Devices

Part # AM29LVI16D
Description  16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LVI16D Datasheet(HTML) 43 Page - Advanced Micro Devices

Back Button AM29LVI16D Datasheet HTML 36Page - Advanced Micro Devices AM29LVI16D Datasheet HTML 37Page - Advanced Micro Devices AM29LVI16D Datasheet HTML 38Page - Advanced Micro Devices AM29LVI16D Datasheet HTML 39Page - Advanced Micro Devices AM29LVI16D Datasheet HTML 40Page - Advanced Micro Devices AM29LVI16D Datasheet HTML 41Page - Advanced Micro Devices AM29LVI16D Datasheet HTML 42Page - Advanced Micro Devices AM29LVI16D Datasheet HTML 43Page - Advanced Micro Devices AM29LVI16D Datasheet HTML 44Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
42
Am29LV116D
REVISION SUMMARY
Revision A (October 1997)
First release.
Revision B (October 1997)
Global
Deleted SO package from data sheet.
Revision C (December 1997)
Alternate CE# Controlled Erase/Program
Operations
Changed tCP from 45 to 35 ns on 80R and 90 speed
options.
Revision C+1 (January 1998)
Global
Changed data sheet status to Preliminary.
Reset Command
Deleted the last paragraph in this section.
Revision C+2 (March 1998)
Figure 2, In-System Sector Protect/Unprotect
Algorithms (0.35 µm devices)
In the sector protect algorithm, added a “Reset
PLSCNT=1” box in the path from “Protect another sec-
tor?” back to setting up the next sector address.
AC Characteristics
Erase/Program Operations; Alternate CE# Controlled
Erase/Program Operations: Corrected the notes refer-
ence for tWHWH1 and tWHWH2. These parameters are
100% tested. Corrected the note reference for tVCS.
This parameter is not 100% tested.
Temporary Sector Unprotect Table
Added note reference for tVIDR. This parameter is not
100% tested.
Figure 21, Sector Protect/Unprotect Timing
Diagram
A valid address is not required for the first write cycle;
only the data 60h.
Erase and Programming Performance
In Note 2, the worst case endurance is now 1 million
cycles.
Revision C+3 (August 1998)
Global
Added 70R speed option, changed 80R speed option
to 80.
Distinctive Characteristics
Changed process technology to 0.32 µm.
Table 9, Command Definitions
The CFI Query command is now included in the table.
DC Characteristics
Moved VCCmax test condition for ICC specifications to
notes.
Figure 21, Sector Protect/Unprotect Timing
Diagram
Changed timing specifications in diagram to match
those in the figure of In-System Sector Protect/Unpro-
tect Algorithms.
Revision D (January 1999)
Distinctive Characteristics
Added “20-year data retention at 125
°C” bullet.
Revision E (February 2, 2000)
Global
The process technology has changed to 0.23 µm, and
is indicated in the part number by the “D” suffix. The 70
ns speed option is now offered in the full voltage range
instead of the regulated voltage range. The 70 ns
devices are also now available in the industrial temper-
ature range. The extended temperature range is no
longer available. The 80 ns speed option has been
deleted. All other parameters and functions remain
unchanged.
AC Characteristics—Figure 15. Program
Operations Timing and Figure 16. Chip/Sector
Erase Operations
Deleted tGHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision E+1 (November 7, 2000)
Global
Added table of contents. Deleted burn-in option in
ordering information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com