Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PLI60C Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM29PLI60C
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PLI60C Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM29PLI60C Datasheet HTML 1Page - Advanced Micro Devices AM29PLI60C Datasheet HTML 2Page - Advanced Micro Devices AM29PLI60C Datasheet HTML 3Page - Advanced Micro Devices AM29PLI60C Datasheet HTML 4Page - Advanced Micro Devices AM29PLI60C Datasheet HTML 5Page - Advanced Micro Devices AM29PLI60C Datasheet HTML 6Page - Advanced Micro Devices AM29PLI60C Datasheet HTML 7Page - Advanced Micro Devices AM29PLI60C Datasheet HTML 8Page - Advanced Micro Devices AM29PLI60C Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
This Data Sheet states AMD’s current specifications regarding the Products described herein. This Data Sheet may
be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 22143
Rev: C Amendment/+4
Issue Date: June 12, 2002
Refer to AMD’s Website (www.amd.com) for the latest information.
Am29PL160C
16 Megabit (2 M x 8-Bit/1 M x 16-Bit)
CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
DISTINCTIVE CHARACTERISTICS
■ 16 Mbit Page Mode device
— Byte (8-bit) or word (16-bit) mode selectable via
BYTE# pin
— Page size of 16 bytes/8 words: Fast page read
access from random locations within the page
■ Single power supply operation
— Full voltage range: 2.7 to 3.6 volt read and write
operations for battery-powered applications
— Regulated voltage range: 3.0 to 3.6 volt read
and write operations and for compatibility with
high performance 3.3 volt microprocessors
■ 5 V-tolerant data, address, and control signals
■ High performance read access times
— Page access times as fast as 25 ns at industrial
temperature range
— Random access times as fast as 65 ns
■ Power consumption (typical values at 5 MHz)
— 30 mA read current
— 20 mA program/erase current
— 1 µA standby mode current
— 1 µA Automatic Sleep mode current
■ Flexible sector architecture
— Sector sizes: One 16 Kbyte, two 8 Kbyte, one
224 Kbyte, and seven sectors of 256 Kbytes
each
— Supports full chip erase
■ Bottom boot block configuration only
■ Sector Protection
— A hardware method of locking a sector to prevent
any program or erase operations within that
sector
— Sectors can be locked via programming
equipment
— Temporary Sector Unprotect command
sequence allows code changes in previously
locked sectors
■ Minimum 1 million write cycles guarantee
per sector
■ 20-year data retention
■ Manufactured on 0.32 µm process technology
■ Software command-set compatible with JEDEC
standard
— Backward compatible with Am29F and Am29LV
families
■ CFI (Common Flash Interface) compliant
— Provides device-specific information to the
system, allowing host software to easily
reconfigure for different Flash devices
■ Unlock Bypass Program Command
— Reduces overall programming time when
issuing multiple program command sequences
■ Erase Suspend/Erase Resume
— Suspends an erase operation to read data from,
or program data to, a sector that is not being
erased, then resumes the erase operation
■ Package Options
— 44-pin SO (mask-ROM compatible pinout)
— 48-pin TSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com