Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-4 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ST-4
Description   Surface Mount Cermet Trimmers (single turn)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST-4 Datasheet(HTML) 4 Page - Vishay Siliconix

  ST-4 Datasheet HTML 1Page - Vishay Siliconix ST-4 Datasheet HTML 2Page - Vishay Siliconix ST-4 Datasheet HTML 3Page - Vishay Siliconix ST-4 Datasheet HTML 4Page - Vishay Siliconix ST-4 Datasheet HTML 5Page - Vishay Siliconix ST-4 Datasheet HTML 6Page - Vishay Siliconix ST-4 Datasheet HTML 7Page - Vishay Siliconix ST-4 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Document Number: 58010
For technical questions contact: copalsupport@vishay.com
www.vishay.com
Revision: 06-Mar-06
4
ST-4
Surface Mount Cermet Trimmers (single turn)
Vishay
Vinyl bag packaging specifications
· Unit of bulk in vinyl bag packaging is 100 pcs. per pack.
· Boxing of bulk in vinyl bags is performed with 500 pcs. per box.
Taping packaging specifications
· Taping version is packaged in 500 pcs. per reel.
Orders will be accepted for units of 500 pcs., i.e., 500, 1000, 1500 pcs., etc.
· ST-4TA, TB, TD, ETA, ETB and ETD versions are boxed with 4 reels (2000 pcs.).
ST-4TG, TH, ETG and ETH versions are boxed with one reel (500 pcs.).
Maximum number of consecutive missing pieces = 2
Leader length and reel dimension are shown in the dia-grams below.
EMBOSSED TAPE DIMENSIONS
REEL DIMENSIONS
(Conforms to JIS C 0806-3)
(In accordance with EIAJ ET-7200A)
(Unit: mm)
ST-4TA/TB/TD/ETA/ETB/ETD
ST-4TG/TH/ETG/ETH
Empty
Filled
Empty
40 mm min.
20 pitches min.
Direction of feed
Head
End
Leader
400 mm min.
180
(ST-4TA/TB/TD/ETA/ETB/ETD)
254 ± 2 (ST-4TG/TH/ETG/ETH)
Ø 21 ± 0.8
2 ± 0.5
13
(TA/TB/ETA/ETB)
0
-1.5
+1
0
13.4 ± 1 (TG/TH/ETG/ETH)
15.4 ± 1(TA/TB/TD/ETA/ETB/ETD)
17.4 ± 1 (TG/TH/ETG/ETH)
Direction of feed
0.3 ± 0.1
8 ± 0.1
4 ± 0.1
2 ± 0.05
1.5
1.5
+0.1
0
2.7 (ST-4TA/TB/ETA/ETB)
3.4 (ST-4TD/ETD)
Installation example
(ST-4A/EA)
Lead (Pb)-free Identification mark
1
.
2 ± 0.1
4 ± 0.1
8 ± 0.1
0.3 ± 0.1
6.4
Installation example
(ST-4G/EG)
Direction of feed
Ø 13 ± 0.2
Ø
Ø
5
.
1
0
+
0
Ø
Ø
PACKAGING SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com