Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSLF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSLF
Description  Power Metal Strip® Resistors, Low Value (Down to 0.0003 Ω), Surface-Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLF Datasheet(HTML) 2 Page - Vishay Siliconix

  WSLF Datasheet HTML 1Page - Vishay Siliconix WSLF Datasheet HTML 2Page - Vishay Siliconix WSLF Datasheet HTML 3Page - Vishay Siliconix WSLF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WSLF
www.vishay.com
Vishay Dale
Revision: 07-Apr-17
2
Document Number: 30193
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Component TCR - total TCR that includes the TCR effects of the resistor element and the copper terminal
(2) Element TCR - only applies to the alloy used for the resistor element
(3) Maximum working voltage - the WSL is not voltage sensitive, but is limited by power / energy dissipation and is also not ESD sensitive
DIMENSIONS in inches (millimeters)
Notes
• 3D models available: www.vishay.com/doc?30335
• Surface mount solder profile recommendations: www.vishay.com/doc?31052
DERATING
Fig. 1 - Ambient Temperature Derating
(P70 °C of Standard Electrical Specification Table)
DERATING - TERMINAL TEMPERATURE
Fig. 2 - Terminal Temperature Derating
(P100°C of Standard Electrical Specification Table
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSLF RESISTOR CHARACTERISTICS
Component temperature coefficient
(including terminal) (1)
ppm/°C
± 200 for 0.3 m
 and 0.5 m
± 170 for 1.0 m
± 70 for 2 m
 and 3 m
Element TCR (2)
ppm/°C
< 20
Operating temperature range
°C
-65 to +170
Maximum working voltage (3)
V(P x R)1/2
MODEL
DIMENSIONS
SOLDER PAD DIMENSIONS
LW
H
T
a
b
l
WSLF2512
0.250 ± 0.010
(6.35 ± 0.254)
0.125 ± 0.010
(3.18 ± 0.254)
0.0138 ± 0.010
(0.35 ± 0.254)
0.045 ± 0.010
(1.14 ± 0.254)
0.71
(1.80)
0.13
(3.40)
0.13
(3.40)
GLOBAL
MODEL
RESISTANCE VALUE
(m
)
THICKNESS in Inches (millimeters)
ELEMENT MATERIAL
D1
D2
WSLF2512
0.3
0.040 (1.02)
0.040 (1.02)
Mn-Cu-Sn
0.5
0.033 (0.84)
0.033 (0.84)
Mn-Cu
1.0
0.017 (0.43)
0.017 (0.43)
Mn-Cu
1.3
0.013 (0.33)
0.013 (0.33)
Mn-Cu
2.0
0.028 (0.71)
0.028 (0.71)
Ni-Cr
3.0
0.019 (0.48)
0.019 (0.48)
Ni-Cr
H
L
T
W
D2
I
d
b
Typical current sensing traces
D1
Ambient Temperature in °C
170
125
100
70
25
0
-25
-50
-65
50
120
100
80
60
40
20
0
150
Terminal Temperature T
K in °C
180
160
140
120
80
60
40
20
0
100
120
100
80
60
40
20
0
Stability < 1.0 %
Stability < 0.5 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com