Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5282 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATA5282
Description  ULTRA LOW POWER 125 KHZ 3D WAKE UP RECEIVER WITH RSSI
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5282 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATA5282 Datasheet HTML 15Page - ATMEL Corporation ATA5282 Datasheet HTML 16Page - ATMEL Corporation ATA5282 Datasheet HTML 17Page - ATMEL Corporation ATA5282 Datasheet HTML 18Page - ATMEL Corporation ATA5282 Datasheet HTML 19Page - ATMEL Corporation ATA5282 Datasheet HTML 20Page - ATMEL Corporation ATA5282 Datasheet HTML 21Page - ATMEL Corporation ATA5282 Datasheet HTML 22Page - ATMEL Corporation ATA5282 Datasheet HTML 23Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
ATA5282 [Preliminary]
4694B–AUTO–06/04
4
Interface
4.1
NSCL input level LOW
6
V
IL_NSCL
V
SS
0.2
× V
DD
VA
4.2
NSCL input level HIGH
6
V
IH_NSCL
0.8
× V
DD
V
DD
VA
4.3
NSCL input leakage current
LOW
V
NSCL = VSS
6I
IL_NSCL
-200
0
nA
A
4.4
NSCL input leakage current
HIGH
V
NSCL = VDD
6IIH_NSCL
0+200
nA
A
4.5
NDATA input level LOW
V
NSCL = VSS
7V
IL_NDAT
V
SS
0.2
× V
DD
VA
4.6
NDATA input level HIGH
V
NSCL = VSS
7V
IH_NDAT
0.8
× V
DD
V
DD
VA
4.7
NDATA input leakage current
LOW
V
NDAT = VSS
V
NSCL = VSS
7IIL_NDAT
-200
0
nA
A
4.8
NDATA input leakage current
HIGH
V
NDAT = VDD
V
NSCL = VSS
7I
IH_NDAT
0+200
nA
A
4.9
NDATA output level LOW
I
NDAT = +100 µA
V
NSCL = VDD
7V
OL_NDAT
V
SS
0.2
× V
DD
VA
4.10
NDATA output level HIGH
I
NDAT = -100 µA
V
NSCL = VDD
7VOL_NDAT
0.8
× V
DD
VDD
VA
Electrical Characteristics (Continued)
V
SS = 0 V, VDD = 3.2 V, Tamb = 25°C unless otherwise specified
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com