Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9703 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATSAM9703
Description  Sound Synthesis
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9703 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATSAM9703 Datasheet HTML 8Page - ATMEL Corporation ATSAM9703 Datasheet HTML 9Page - ATMEL Corporation ATSAM9703 Datasheet HTML 10Page - ATMEL Corporation ATSAM9703 Datasheet HTML 11Page - ATMEL Corporation ATSAM9703 Datasheet HTML 12Page - ATMEL Corporation ATSAM9703 Datasheet HTML 13Page - ATMEL Corporation ATSAM9703 Datasheet HTML 14Page - ATMEL Corporation ATSAM9703 Datasheet HTML 15Page - ATMEL Corporation ATSAM9703 Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
ATSAM9703
1710C–DRMSD–12/02
Reset and
Power-down
During power-up, the RESET input should be held low until the crystal oscillator and
PLL are stabilized, which can take abOut 20 ms. A typical RC/diode power-up network
canbeused.
After the low-to-high transition of RESET, the following occurs:
•
The synthesis enters an idle state.
•
The RUN Output is set to zero.
•
Firmware execution starts from address 0100H in ROM space (WCS0 low).
If PDWN is asserted low, then all I/Os and Outputs will be floated and the crystal oscilla-
tor and PLL will be stopped. The chip enters a deep power-down sleep mode. To exit
power-down, PDWN has to be asserted high, then RESET applied.
Recommended Board
Layout
As for all HCMOS high-integration ICs, some rules of board layout should be followed
for reliable operation:
•GND, VCC,VC3 distribution, decouplings
All GND, VCC,VC3 pins should be connected. GND + VCC planes are strongly recom-
mended below the ATSAM9703. The board GND + VCC distribution should be in grid
form. For 5V VCC operation, if 3.3V is not available, then VC3 can be connected to VCC by
two 1N4148 diodes in serial. This guarantees a minimum voltage drop of 1.2V.
Recommended VCC decoupling is 0.1 µF at each corner of the IC with an additional 10
µF decoupling close to the crystal. VC3 requires a single 0.1 µF decoupling close to the
IC.
•Crystal, LFT
The paths between the crystal, the crystal compensation capacitors, the LFT filter R-C-
R and the ATSAM9703 should be short and shielded. The ground return from the com-
pensation capacitors and LFT filter should be the GND plane from ATSAM9703.
•
Analog Section
A specific AGND ground plane should be provided, which connects by a single trace to
the GND ground. No digital signals should cross the AGND plane. Refer to the codec
vendor recommended layOut for correct implementation of the analog section.
•
Unused Inputs
Unused inputs should always be connected. A floating input can cause internal oscilla-
tion inside the IC, which can destroy the device by dramatically increasing the power
consumption. If the power-down feature is to be used, care should be taken that no pin
is left floating during power down. Usually, a 1 M
Ω ground return is sufficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com