Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT960 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAT960
Description  Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT960 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAT960 Datasheet HTML 1Page - NXP Semiconductors BAT960 Datasheet HTML 2Page - NXP Semiconductors BAT960 Datasheet HTML 3Page - NXP Semiconductors BAT960 Datasheet HTML 4Page - NXP Semiconductors BAT960 Datasheet HTML 5Page - NXP Semiconductors BAT960 Datasheet HTML 6Page - NXP Semiconductors BAT960 Datasheet HTML 7Page - NXP Semiconductors BAT960 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2003 May 01
3
Philips Semiconductors
Product specification
Schottky barrier diode
BAT960
THERMAL CHARACTERISTICS
Notes
1. Refer to SOT666 standard mounting conditions.
2. Mounted on printed circuit-board, 1 cm2 copper area.
Soldering
The only recommended soldering method is reflow soldering.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Notes
1. Only valid, if pins 1, 2, 5 and 6 are soldered on a 1 cm2 copper solder land.
2. Pulse test: tp = 300 µs; δ = 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
405
K/W
note 2
215
K/W
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
continuous forward voltage
IF = 10 mA
240
270
mV
IF = 100 mA
300
350
mV
IF = 1000 mA; note 1; see Fig.2 480
550
mV
IR
reverse current
VR = 5 V; note 2
5
10
µA
VR = 8 V; note 2
7
20
µA
VR = 15 V; note 2; see Fig.3
10
50
µA
Cd
diode capacitance
VR = 5 V; f = 1 MHz; see Fig.4
19
25
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com