Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016-90EIB Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM29F016-90EIB
Description  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-90EIB Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM29F016-90EIB Datasheet HTML 2Page - Advanced Micro Devices AM29F016-90EIB Datasheet HTML 3Page - Advanced Micro Devices AM29F016-90EIB Datasheet HTML 4Page - Advanced Micro Devices AM29F016-90EIB Datasheet HTML 5Page - Advanced Micro Devices AM29F016-90EIB Datasheet HTML 6Page - Advanced Micro Devices AM29F016-90EIB Datasheet HTML 7Page - Advanced Micro Devices AM29F016-90EIB Datasheet HTML 8Page - Advanced Micro Devices AM29F016-90EIB Datasheet HTML 9Page - Advanced Micro Devices AM29F016-90EIB Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
Am29F016
PIN CONFIGURATION
A0–A20
= 21 Addresses
CE
= Chip Enable
DQ0–DQ7 = 8 Data Inputs/Outputs
NC
= Pin Not Connected Internally
OE
= Output Enable
RESET
= Hardware Reset Pin, Active Low
RY/BY
= Ready/BUSY Output
VCC
= +5.0 Volt Single-Power Supply
(
±10% for -90, -120, -150) or
(
±5% for -95)
VSS
= Device Ground
WE
= Write Enable
LOGIC SYMBOL
21
8
DQ0–DQ7
A0–A20
CE (E)
OE (G)
WE (W)
18805D-5
RESET
RY/BY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com