Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDA006A-1A0B-R Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PDA006A-1A0B-R
Description  6W Constant Current LED Driver PDA006A Waterproof LED Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA006A-1A0B-R Datasheet(HTML) 1 Page - Phihong USA Inc.

  PDA006A-1A0B-R Datasheet HTML 1Page - Phihong USA Inc. PDA006A-1A0B-R Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revised 1/9/2015
WWW.PHIHONG.COM
6W Constant Current LED Driver
PDA006A Waterproof LED Power Supply
Features
 Low Profile Design
 Brownout Protection
 OVP, OCP, Over-Load and Short-Circuit
Protection
 ≥0.9 Power Factor Correction
 Very Low Leakage
 Class 2 Output per UL1310
 SELV Compliant
 UL 8750 Compliant
 RoHS Compliant
 IP67 Rated
Applications
 Outdoor Lighting
 Indoor Lighting
Safety Approvals
 cUL/UL
Mechanical Characteristics
 Length: 105.8mm (4.17in)
 Height: 20.8mm (0.82in)
 Width: 39.8mm (1.57in)
 Weight: 101g (3.56oz)
Output Specifications
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at
www.phihong.com for the most up-to-date specifications and contact information.
Model
DC Output Voltage
Output
Current
Output
Power
Min.
Typ.
Max.
PDA006A-350B-R
9V
-
17V
350mA
6W
PDA006A-700B-R
5V
-
8.6V
700mA
6W
PDA006A-1A0B-R
4V
-
6V
1000mA
6W


Similar Part No. - PDA006A-1A0B-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA006A-1A0B-R PHIHONG-PDA006A-1A0B-R Datasheet
131Kb / 2P
6W Constant Current LED Driver Waterproof LED Power Supply
More results

Similar Description - PDA006A-1A0B-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
logo
Phihong USA Inc.
PDA006A-350S-R PHIHONG-PDA006A-350S-R Datasheet
138Kb / 2P
6W Adapter Style Constant Current LED Driver
PDA006A-700C-H PHIHONG-PDA006A-700C-H Datasheet
164Kb / 3P
6W LED Driver with 700mA Constant Current LED Power Supply
PDA006B-700C-H PHIHONG-PDA006B-700C-H Datasheet
150Kb / 3P
6W LED Driver with 700mA Constant Current LED Power Supply
PDA040B-700B PHIHONG-PDA040B-700B Datasheet
164Kb / 3P
40W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA006A-350B-R PHIHONG-PDA006A-350B-R Datasheet
131Kb / 2P
6W Constant Current LED Driver Waterproof LED Power Supply
PDA060B-700B PHIHONG-PDA060B-700B Datasheet
204Kb / 3P
60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA006A-700C PHIHONG-PDA006A-700C Datasheet
164Kb / 3P
6W LED Driver with 700mA Constant Current PDA006A LED Power Supply
PDA006B-700C PHIHONG-PDA006B-700C Datasheet
150Kb / 3P
6W LED Driver with 700mA Constant Current PDA006B LED Power Supply
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
LED CONSTANT CURRENT DRIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com