Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDA012B-350C-R Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PDA012B-350C-R
Description  High Reliability 12W LED Driver PDA012X Series for Indoor and Architectural Lighting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA012B-350C-R Datasheet(HTML) 2 Page - Phihong USA Inc.

  PDA012B-350C-R Datasheet HTML 1Page - Phihong USA Inc. PDA012B-350C-R Datasheet HTML 2Page - Phihong USA Inc. PDA012B-350C-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PDA12X-350C Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage
185 to 304VAC for A Models
100 to 136VAC for B Models
Input Frequency
47~63Hz
Leakage Current
<0.5mA at 230VAC and maximum load
Maximum Input Current
≤1A
OUTPUT:
Total Output Power
12W
Efficiency
75% for A models
77% for B models
Power Factor
≥0.9
Ripple
Shall be less than 5% (p-p) of setting DC current output
under electrical load condition
ENVIRONMENTAL:
Operating Temperature
-40 to 60°C (10W)
-40 to 50°C (12W)
Storage Temperature
-40 to 77°C
Operating Humidity
10 to 95%
Storage Humidity
5 to 95%
Case Temperature
+80°C
Warranty
3 Years for standard models
8 Years for high reliability (-H) models
Ingression Protection
IP20; plastic housing
Mounting Provision
Screw mounting, accessible without opening unit
Open Circuit Protection
Once the circuit is opened, the output voltage should be
less than 45V at normal AC input conditions
EMC
FCC 47 part 15/18 Class A
EN55015/CISPR 15
Immunity
EN61000-4-2
EN61000-4-5**
EN61000-3-2
Class C
**In order to meet 2.5KV Ring Wave per Energy Star
SSL1.1 external MOVs are required:
560V 10mm for A models
240V 10mm for B models
Isolation Test
Primary to Secondary: 3000VAC, <5.5mA, 1 minute
Insulation Resistance
Primary to Secondary: 500VDC, >5M ohm, 1 minute
Input Over-Current Protection
The input power line will be fused with a 2A fuse
Short Circuit Protection
May withstand short circuit across outputs without
damage
Design Life
50K Hours minimum at max load and ambient 50°C
Design Life (H Models)
100K Hours minimum at max load and ambient 50°C
Input Connection
ANYTEK 2-pin terminal block – p/n
HC0200C3001AG
Position
Terminal
Color
Specification
Line
Black
AWG18~22 Solid or Standard
Neutral
White
AWG18~22 Solid or Standard
DC Output Connection
Superior Tech 2-pin p/n WRDD-DSXXT20WAA
mating AMP Connector p/n 1496992-1 or equivalent



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com