Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDA080W-1A6G-R Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PDA080W-1A6G-R
Description  80W Constant Current LED Driver PDA080 Series for Outdoor Lighting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA080W-1A6G-R Datasheet(HTML) 2 Page - Phihong USA Inc.

  PDA080W-1A6G-R Datasheet HTML 1Page - Phihong USA Inc. PDA080W-1A6G-R Datasheet HTML 2Page - Phihong USA Inc. PDA080W-1A6G-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PDA080X Characteristics
WWW.PHIHONG.COM
Input:
AC Input Voltage Range
90VAC to 304VAC
AC Input Frequency
47~63Hz
Maximum Input Current
≤ 2A
Leakage Current
0.5mA maximum at 230VAC Input
Inrush Current
≤ 20A
OUTPUT:
Power Factor
≥ 0.9 at nominal
Ripple and Noise
<7% (p-p)
Efficiency (Target)
85% at 277VAC
84% at 120VAC
Turn-on Delay Time
0.5s maximum at nominal AC Power ON
Environmental:
Temperature
Operation
-40 to +60°C
Non-operation
-40 to +85°C
Operating Humidity
10 to 95%
Case Temperature
80°C maximum
Warranty
5 Years
Dimming Function: (W Models)
Dimming Control
0-10VDC
Dimming Output to Load
PWM at 500Hz
Dimming Grounding
Dim(-) and Vout(-) must never be connected together to
ensure proper operation and isolation requirements
EMC
EN55015/CISPR 15, FCC 47 CFR Part 15/18, Class A
Immunity
IEC61000-4-2
IEC61000-4-3
IEC61000-4-4
IEC61000-4-5*
IEC61000-4-6
IEC61000-4-8
IEC61000-4-11
IEC61000-3-2 Class C
*Surge Differential mode: 2.0kV, Common mode: 4.0kV
Ring Wave Surge (ANSI C62.41.2 Cat A)
Differential mode: 4.0kV
Common mode: 6.0kV
Input Over Current Protection
The input power line will be fused with a 3.15A fuse
Short-Circuit Protection
The PSU will withstand a short circuit across the
outputs without damage
Open Circuit Protection
Once the circuit is opened, the output voltage should be
less than 120% at nominal AC input conditions
Dielectric Withstand (Hi-pot) Test
Primary to secondary: 4242VDC for 1 minute, 5mA
Insulation Resistance
Primary to secondary: >5M Ohm 500VDC, 1 Minute
Design Life
50K hours at full power, ambient 50°C and Tcase <rating
Wire Connections
Position
Terminal Color
Specification
Line
Black
AWG18 solid wire
Neutral
White
AWG18 solid wire
Ground
Green/Yellow
AWG18 solid wire
Vout+
Red
AWG18 solid wire
Vout-
Blue
AWG18 solid wire
Dim+
Violet
AWG18 Solid wire
Dim-
Grey
AWG18 Solid Wire



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com