Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA178M06FP Datasheet(PDF) 8 Page - Rohm

Part # BA178M06FP
Description  Standard 78M series, 3-pin regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA178M06FP Datasheet(HTML) 8 Page - Rohm

Back Button BA178M06FP Datasheet HTML 3Page - Rohm BA178M06FP Datasheet HTML 4Page - Rohm BA178M06FP Datasheet HTML 5Page - Rohm BA178M06FP Datasheet HTML 6Page - Rohm BA178M06FP Datasheet HTML 7Page - Rohm BA178M06FP Datasheet HTML 8Page - Rohm BA178M06FP Datasheet HTML 9Page - Rohm BA178M06FP Datasheet HTML 10Page - Rohm BA178M06FP Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
BA178M!!T / BA178M!!FP series
Regulator ICs
<BA178M20T / FP individual specifications> (unless otherwise noted, Ta=25
°C, VIN=29V, IO=350mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VO1
19.2
20.0
20.8
V
IO
=350mA
VO2
19.0
−
21.0
V
Reg.I1
−
8
100
mV
Reg.I2
−
450
mV
R.R.
53
58
−
dB
Reg.L1
−
20
400
mV
IO
=5~500mA
Reg.L2
−
10
200
mV
IO
=5~200mA
TCVO
−−0.7
−
Vn
−
150
−µVf=10Hz~100kHz
Vd
−
2.0
−
VIO
=500mA
Ib
−
4.5
6.0
mA
IO
=0mA
Ib1
−−
0.5
mA
IO
=5~350mA
Ib2
−−
0.8
mA
IO
−P
−
875
−
mA
Tj
=25
°C
IOS
−
0.17
−
AVIN
=30V
VIN
=23~33V, IO=5~350mA
VIN
=23~33V, IO=200mA
VIN
=24~33V, IO=200mA
eIN
=1Vrms, f=120Hz, IO=100mA
IO
=5mA, Tj=0~125
°C
VIN
=23~33V, IO=200mA
mV/
°C
Output voltage 1
Output voltage 2
Input stability 1
Input stability 2
Ripple rejection ratio
Load regulation 1
Load regulation 2
Temperature coefficient of output voltage
Output noise voltage
Mninimum I/O voltage differential
Bias current
Bias current change 1
Bias current change 2
Peak output current
Output short-circuit current
Fig.1
Fig.1
Fig.1
Fig.1
Fig.2
Fig.1
Fig.1
Fig.1
Fig.3
Fig.4
Fig.5
Fig.5
Fig.5
Fig.1
Fig.6
<BA178M24T / FP individual specifications> (unless otherwise noted, Ta=25
°C, VIN=33V, IO=350mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VO1
23.0
24.0
25.0
V
IO
=350mA
VO2
22.8
−
25.2
V
Reg.I1
−
10
100
mV
Reg.I2
−
550
mV
R.R.
50
55
−
dB
Reg.L1
−
20
480
mV
IO
=5~500mA
Reg.L2
−
10
240
mV
IO
=5~200mA
TCVO
−−0.7
−
Vn
−
170
−µVf=10Hz~100kHz
Vd
−
2.0
−
VIO
=500mA
Ib
−
4.8
6.0
mA
IO
=0mA
Ib1
−−
0.5
mA
IO
=5~350mA
Ib2
−−
0.8
mA
IO
−P
−
875
−
mA
Tj
=25
°C
IOS
−
0.17
−
AVIN
=30V
VIN
=27~33V, IO=5~350mA
VIN
=27~33V, IO=200mA
VIN
=28~33V, IO=200mA
eIN
=1Vrms, f=120Hz, IO=100mA
IO
=5mA, Tj=0~125
°C
VIN
=27~33V, IO=200mA
mV/
°C
Output voltage 1
Output voltage 2
Input stability 1
Input stability 2
Ripple rejection ratio
Load regulation 1
Load regulation 2
Temperature coefficient of output voltage
Output noise voltage
Minimum I/O voltage differential
Bias current
Bias current change 1
Bias current change 2
Peak output current
Output short-circuit current
Fig.1
Fig.1
Fig.1
Fig.1
Fig.2
Fig.1
Fig.1
Fig.1
Fig.3
Fig.4
Fig.5
Fig.5
Fig.5
Fig.1
Fig.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com