Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDA150B-S350G-R Datasheet(PDF) 4 Page - Phihong USA Inc.

Part # PDA150B-S350G-R
Description  PHIHONG?셎 150W CONSTANT CURRENT DRIVERS WITH 94% EFFICIENCY PROVIDE TRULY ADVANCED PERFORMANCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA150B-S350G-R Datasheet(HTML) 4 Page - Phihong USA Inc.

  PDA150B-S350G-R Datasheet HTML 1Page - Phihong USA Inc. PDA150B-S350G-R Datasheet HTML 2Page - Phihong USA Inc. PDA150B-S350G-R Datasheet HTML 3Page - Phihong USA Inc. PDA150B-S350G-R Datasheet HTML 4Page - Phihong USA Inc. PDA150B-S350G-R Datasheet HTML 5Page - Phihong USA Inc. PDA150B-S350G-R Datasheet HTML 6Page - Phihong USA Inc. PDA150B-S350G-R Datasheet HTML 7Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PDA150B Series
Brand Name
Phihong LED Driver
Description
150W, Non-Dimmable LED Driver
Input Voltage
120 ~ 277VAC
Input Frequency
50/60Hz
Safety
CE, UL, RoHS
IP Rating
IP66
PHIHONG TECHNOLOGY CO., LTD.
47800 Fremont Blvd., Fremont, CA 94538 • T: 1-510-445-0100 • www.phihong.com/LED
Revision 7/2/2014
Electrical Specifications
Input:
AC Input Voltage Range
90VAC to 305VAC
AC Input Frequency
47~63Hz
Maximum Input Current
≤ 2A
Leakage Current
0.5mA maximum at 277VAC Input
Inrush Current
≤ 30A
OUTPUT:
Power Factor
≥ 0.9
Ripple and Noise
≤5% of the Output Current
Efficiency (Typical)
94% at 230~ 277VAC
92% at 120VAC
Turn-on Delay Time
<1s maximum at nominal AC Power ON
Environmental:
Temperature
Operation
-40 to +85°C (*)
Non-operation
-40 to +85°C
Operating Humidity
10 to 95%
(*) Case Temperature
<80°C
Warranty
5 Years
EMC
EN55015/CISPR 15/FCC 47 Part 15/18 Class B
Immunity
IEC61000-4-2
IEC61000-4-3
IEC61000-4-4
IEC61000-4-5
IEC61000-4-6
IEC61000-4-8
IEC61000-4-11
IEC61000-3-2
Class C
Output Over Current Protection
The power supply will withstand continuous output overload
Short-Circuit Protection
The PSU will withstand a short circuit across the
outputs without damage
Over Voltage Protection
Output is protected from no load and over voltage conditions
Dielectric Withstand (Hi-pot) Test
Primary to secondary: 4242VDC for 1 minute, 5.5mA
Insulation Resistance
Primary to secondary: >5M Ohm 500VDC, 1 Minute
Lifespan
50K Hours at full output power, 50°C ambient, Tcase <80°C
Wire Connections
Position
Terminal Color
Specification
Line
Black
AWG18 Solid Wire
Neutral
White
AWG18 Solid Wire
Ground
Green/Yellow
AWG18 Solid Wire
Vout+
Red
AWG18 Solid Wire
Vout-
Blue
AWG18 Solid Wire



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com