Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDA150B-S700G-R Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PDA150B-S700G-R
Description  PHIHONG?셎 150W CONSTANT CURRENT DRIVERS WITH 94% EFFICIENCY PROVIDE TRULY ADVANCED PERFORMANCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA150B-S700G-R Datasheet(HTML) 2 Page - Phihong USA Inc.

  PDA150B-S700G-R Datasheet HTML 1Page - Phihong USA Inc. PDA150B-S700G-R Datasheet HTML 2Page - Phihong USA Inc. PDA150B-S700G-R Datasheet HTML 3Page - Phihong USA Inc. PDA150B-S700G-R Datasheet HTML 4Page - Phihong USA Inc. PDA150B-S700G-R Datasheet HTML 5Page - Phihong USA Inc. PDA150B-S700G-R Datasheet HTML 6Page - Phihong USA Inc. PDA150B-S700G-R Datasheet HTML 7Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PDA150B Series
Brand Name
Phihong LED Driver
Description
150W, Non-Dimmable LED Driver
Input Voltage
120 ~ 277VAC
Input Frequency
50/60Hz
Safety
CE, UL, RoHS
IP Rating
IP66
PHIHONG TECHNOLOGY CO., LTD.
47800 Fremont Blvd., Fremont, CA 94538 • T: 1-510-445-0100 • www.phihong.com/LED
Revision 7/2/2014
Electrical Specifications:
Output
Power
(W)
Output
Voltage
(V)
Output
Current
(A)
Tcase
Max
(C)
Input
Current (A)
Input
Power
(W)
Inrush
Current
Max
THD
(%)
Min
Power
Factor
Surge
Protection
(KV)
Part Number
150
0V~425V
0.35
80
1.4A@120VAC
0.6A@277VAC
164
≤ 30A
12
0.9
4.0
PDA150B-S350G-R
150
0V~280V
0.53
PDA150B-S530G-R
150
0V~210V
0.7
PDA150B-S700G-R
150
0V~140V
1.05
PDA150B-S1A0G-R
150
0V~100V
1.5
PDA150B-S1A5G-R
150
0V~89V
1.68
PDA150B-S1A7G-R
Wiring Diagram
Input, Output use lead-wires. Lead-wires are 18AWG
105C/600V solid Copper.
Standard Lead Length
Color
In.
Cm.
Black
10
25
White
10
25
Blue
10
25
Red
10
25
Maximum Wiring Distance (at Full Load)
Wire Size (AWG)
Distance (Feet)
26
8
24
13
22
21
20
34
18
54
16
85
14
137
12
210
10
357
Length:
241mm (9.49in)
Width:
59mm (2.32in)
Height:
39mm (1.54in)
Weight
1043g (2.3lbs)
Dimension Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com