Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVTL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FVTL
Description  Wirewound Resistor, Industrial Power, Vitreous Coated, Tubular
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FVTL Datasheet(HTML) 1 Page - Vishay Siliconix

  FVTL Datasheet HTML 1Page - Vishay Siliconix FVTL Datasheet HTML 2Page - Vishay Siliconix FVTL Datasheet HTML 3Page - Vishay Siliconix FVTL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FVTL, FVTS, FVWL
www.vishay.com
Vishay Huntington
Revision: 18-Aug-16
1
Document Number: 31837
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistor, Industrial Power,
Vitreous Coated, Tubular
FEATURES
• High temperature vitreous coating
• Complete welded construction
• Excellent for intermittent power and pulsing
application
• Available in non-inductive style (special “NI”)
with Ayrton-Perry winding
• Various lead and terminal options
• Excellent stability in operation (< 3 % change
resistance)
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
P25 °C
W
RESISTANCE
RANGE
RESISTANCE
RANGE
WEIGHT
(typical)
g
± 5 %
± 10 %
FVTL05
FVTL-5
5
1.0 to 20.5K
0.1 to 20.5K
4.60
FVTS05
FVTS-5
5
1.0 to 20.5K
0.1 to 20.5K
4.60
FVWL5A
-
5.25
1.0 to 15K
0.1 to 15K
2.12
FVTL5A
-
5.25
1.0 to 15K
0.1 to 15K
2.12
FVWL05
FVWL-5
8
1.0 to 20.5K
0.1 to 20.5K
4.60
FVWL08
-
8
1.0 to 20.5K
0.1 to 20.5K
4.60
FVTL08
-
8
1.0 to 20.5K
0.1 to 20.5K
4.60
FVWL1A
-
10
1.0 to 29K
0.10 to 29K
6.24
FVTL10
FVTL-10
12
1.0 to 58K
0.10 to 58K
6.69
FVTS10
FVTS-10
12
1.0 to 58K
0.10 to 58K
6.69
FVWL10
FVWL-10
12
1.0 to 58K
0.10 to 58K
6.69
FVWL12
-
12
1.0 to 58K
0.10 to 58K
6.69
FVTL12
-
12
1.0 to 58K
0.10 to 58K
6.69
FVWL15
-
15
1.0 to 60K
0.10 to 60K
8.82
FVTL15
-
15
1.0 to 60K
0.10 to 60K
8.82
FVWL2A
-
20
1.0 to 95K
0.10 to 95K
11.36
FVTL2A
-
20
1.0 to 95K
0.10 to 95K
11.36
FVTL20
FVTL-20
20
1.0 to 95K
0.10 to 95K
12.57
FVTS20
FVTS-20
20
1.0 to 95K
0.10 to 95K
12.57
FVWL20
FVWL-20
20
1.0 to 95K
0.10 to 95K
12.57
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
FVT RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 260 for 20
 and above, ± 400 for 1  to 20 ,
special TC’s available please contact factory
Short Time Overload
-
10 x rated power for 5 s
Dielectric Withstanding Voltage
VAC
1000, from terminal to mounting hardware
Maximum Working Voltage
V
(P x R)1/2
Operating Temperature Range
°C
-55 to +350


Similar Part No. - FVTL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FVT VISHAY-FVT Datasheet
144Kb / 6P
Wirewound Resistor, Industrial Power, Vitreous Coated, Fixed Tubular
03-Jun-16
logo
RFE international
FVT RFE-FVT Datasheet
451Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
logo
Level One
FVT-0103TXFC LVL1-FVT-0103TXFC Datasheet
386Kb / 3P
10/100BASE-TX to 100BASE-FX MMF SC PoE PD Converter, 2km
FVT-0104TXFC LVL1-FVT-0104TXFC Datasheet
382Kb / 3P
10/100BASE-TX to 100BASE-FX SMF SC PoE PD Converter, 20km
FVT-0203TFC LVL1-FVT-0203TFC Datasheet
217Kb / 1P
100TX to 100FX-SC Converter w/POE Injector
More results

Similar Description - FVTL

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
1600 WELWYN-1600 Datasheet
335Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
logo
Riedon Powertron
TVC-5 RIEDON-TVC-5 Datasheet
161Kb / 2P
Vitreous Tubular Power Wirewound Resistors
logo
Vishay Siliconix
AVE VISHAY-AVE Datasheet
176Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
03-Jun-16
FVE VISHAY-FVE Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
03-Jun-16
FVOT VISHAY-FVOT Datasheet
98Kb / 3P
Wirewound Resistor, Industrial Power, Vitreous Coated, Miniature Flat
13-Oct-16
FVT VISHAY-FVT Datasheet
144Kb / 6P
Wirewound Resistor, Industrial Power, Vitreous Coated, Fixed Tubular
03-Jun-16
logo
TT Electronics.
1600 TTELEC-1600_17 Datasheet
921Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
logo
Vishay Siliconix
FST VISHAY-FST Datasheet
154Kb / 6P
Wirewound Resistor, Industrial Power, Silicone Coated, Fixed Tubular
25-Sep-2020
AST VISHAY-AST Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
FSTL VISHAY-FSTL Datasheet
188Kb / 4P
Wirewound Resistor, Industrial Power, Silicone Coated, Tubular
02-Sep-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com