Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVT075 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FVT075
Description  Wirewound Resistor, Industrial Power, Vitreous Coated, Fixed Tubular
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FVT075 Datasheet(HTML) 1 Page - Vishay Siliconix

  FVT075 Datasheet HTML 1Page - Vishay Siliconix FVT075 Datasheet HTML 2Page - Vishay Siliconix FVT075 Datasheet HTML 3Page - Vishay Siliconix FVT075 Datasheet HTML 4Page - Vishay Siliconix FVT075 Datasheet HTML 5Page - Vishay Siliconix FVT075 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FVT
www.vishay.com
Vishay Huntington
Revision: 03-Jun-16
1
Document Number: 31838
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistor, Industrial Power,
Vitreous Coated, Fixed Tubular
FEATURES
• High temperature vitreous coating
• Complete welded construction
• Available in non-inductive style (special “NI”)
with Ayrton-Perry winding
• Tight tolerance of 5 % for values above 1
• Excellent stability in operation (< 3 % change
resistance)
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
P25 °C
W
RESISTANCE
RANGE
RESISTANCE
RANGE
WEIGHT
(typical)
g
± 5 %
± 10 %
FVT005
FVT-5
5
1.0 to 20.5K
0.1 to 20.5K
4.60
FVT005...NI
FVT-5-...-NI
5
1.0 to 750
1.0 to 750
4.60
FVT010
FVT-10
12
1.0 to 58K
0.1 to 58K
6.7
FVT010...NI
FVT-10-...-NI
12
1.0 to 3.9K
1.0 to 3.9K
6.7
FVT020
FVT-20
20
1.0 to 95K
0.1 to 95K
12.57
FVT020...NI
FVT-20-...-NI
20
1.0 to 6.8K
1.0 to 6.8K
12.57
FVT20A
-
15
1.0 to 60K
0.10 to 60K
8.64
FVT025
FVT-25
25
1.0 to 115K
0.1 to 115K
20.7
FVT025...NI
FVT-25-...-NI
25
1.0 to 8.8K
1.0 to 8.8K
20.7
FVT25A
FVT-25A
30
1.0 to 56K
0.1 to 56K
20.7
FVT25A...NI
FVT-25A-...-NI
30
1.0 to 7.25K
1.0 to 7.25K
20.7
FVT25B
FVT-25B
30
1.0 to 49K
0.1 to 49K
14.5
FVT25B...NI
FVT-25B-...-NI
30
1.0 to 6.8K
1.0 to 6.8K
14.5
FVT050
FVT-50
50
1.0 to 112K
0.1 to 112K
42.1
FVT050...NI
FVT-50-...-NI
50
1.0 to 21.5K
1.0 to 21.5K
42.1
FVT50A
FVT-50A
60
1.0 to 145K
0.1 to 145K
65.6
FVT50A...NI
FVT-50A-...-NI
60
1.0 to 27.2K
1.0 to 27.2K
65.6
FVT50B
FVT-50B
70
1.0 to 170K
0.1 to 170K
60.0
FVT50B...NI
FVT-50B-...-NI
70
1.0 to 31.4K
1.0 to 31.4K
60.0
FVT075
FVT-75
75
1.0 to 276K
0.1 to 276K
98.5
FVT075...NI
FVT-75-...-NI
75
1.0 to 35K
1.0 to 35K
98.5
FVT75A
FVT-75A
90
1.0 to 238K
0.1 to 238K
64.8
FVT75A...NI
FVT-75A-...-NI
90
1.0 to 31K
1.0 to 31K
64.8
FVT080
-
80
1.0 to 190K
0.10 to 190K
121.58
FVT100
FVT-100
100
1.0 to 260K
0.1 to 260K
91.4
FVT100...NI
FVT-100-...-NI
100
1.0 to 48.5K
1.0 to 48.5K
91.4
FVT130
FVT-130
130
1.0 to 380K
0.1 to 380K
192.4
FVT130...NI
FVT-130-...-NI
130
1.0 to 70.2K
1.0 to 70.2K
192.4
FVT160
FVT-160
175
1.0 to 470K
0.1 to 470K
250.8
FVT160...NI
FVT-160-...-NI
175
1.0 to 105K
1.0 to 105K
250.8
FVT175
-
175
1.0 to 500K
0.10 to 500K
250.8
FVT200
FVT-200
225
1.0 to 645K
0.1 to 645K
310.0
FVT200...NI
FVT-200-...-NI
225
1.0 to 121K
1.0 to 121K
310.0
FVT225
FVT-225
225
1.0 to 645K
0.1 to 645K
310.0
FVT225...NI
FVT-225-...-NI
225
1.0 to 121K
1.0 to 121K
310.0


Similar Part No. - FVT075

ManufacturerPart #DatasheetDescription
logo
RFE international
FVT RFE-FVT Datasheet
451Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
logo
Level One
FVT-0103TXFC LVL1-FVT-0103TXFC Datasheet
386Kb / 3P
10/100BASE-TX to 100BASE-FX MMF SC PoE PD Converter, 2km
FVT-0104TXFC LVL1-FVT-0104TXFC Datasheet
382Kb / 3P
10/100BASE-TX to 100BASE-FX SMF SC PoE PD Converter, 20km
FVT-0203TFC LVL1-FVT-0203TFC Datasheet
217Kb / 1P
100TX to 100FX-SC Converter w/POE Injector
FVT-0203TXFC LVL1-FVT-0203TXFC Datasheet
217Kb / 1P
100TX to 100FX-SC Converter w/POE Injector
More results

Similar Description - FVT075

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
1600 WELWYN-1600 Datasheet
335Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
logo
Riedon Powertron
TVC-5 RIEDON-TVC-5 Datasheet
161Kb / 2P
Vitreous Tubular Power Wirewound Resistors
logo
Vishay Siliconix
AVE VISHAY-AVE Datasheet
176Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
03-Jun-16
FSE VISHAY-FSE Datasheet
168Kb / 5P
Wirewound Resistors, Industrial Power, Silicone Coated, Fixed Edgewound Tubular
06-Dec-16
FVE VISHAY-FVE Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
03-Jun-16
FVOT VISHAY-FVOT Datasheet
98Kb / 3P
Wirewound Resistor, Industrial Power, Vitreous Coated, Miniature Flat
13-Oct-16
FVTL VISHAY-FVTL Datasheet
200Kb / 4P
Wirewound Resistor, Industrial Power, Vitreous Coated, Tubular
18-Aug-16
FST VISHAY-FST Datasheet
154Kb / 6P
Wirewound Resistor, Industrial Power, Silicone Coated, Fixed Tubular
25-Sep-2020
AST VISHAY-AST Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
FSTL VISHAY-FSTL Datasheet
188Kb / 4P
Wirewound Resistor, Industrial Power, Silicone Coated, Tubular
02-Sep-16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com