Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCH Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCH
Description  Power Resistor, for Mounting onto a Heatsink Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCH Datasheet(HTML) 2 Page - Vishay Siliconix

  RCH Datasheet HTML 1Page - Vishay Siliconix RCH Datasheet HTML 2Page - Vishay Siliconix RCH Datasheet HTML 3Page - Vishay Siliconix RCH Datasheet HTML 4Page - Vishay Siliconix RCH Datasheet HTML 5Page - Vishay Siliconix RCH Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RCH
www.vishay.com
Vishay Sfernice
Revision: 06-Jul-15
2
Document Number: 50006
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
RESISTANCE
RANGE
RATED POWER
P25 °C
W
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
SERIES
RCH 5
0.24 to 1M
5
1, 2, 5, 10
150, 250
E24 range
RCH 10
0.24 to 1M
10
1, 2, 5, 10
150, 250
E24 range
RCH 25
0.24 to 1M
25
1, 2, 5, 10
150, 250
E24 range
RCH 50
0.24 to 1M
50
1, 2, 5, 10
150, 250
E24 range
MECHANICAL SPECIFICATIONS
Mechanical Protection
Insulated case
Resistive Element
Cermet
Substrate
Alumina
Connections
Tinned copper alloy
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
-55 °C to +125 °C
Climatic Category
55 / 125 / 56
Flammability
IEC 60695-11-5
2 applications 30 s
separated by 60 s
TECHNICAL SPECIFICATIONS
Dissipation and Associated
Onto a heatsink
Power Rating:
Chassis Mounted
Unmounted
5 W to 50 W
2 W to 5.5 W
Temperature Coefficient
± 150 ppm/°C
Insulation Resistance
106 M
Total Inductance
 0.1 μH
PERFORMANCE
TESTS
CONDITIONS
REQUIREMENTS
Momentary Overload
NF EN140000 CEI 115_1
2 Pr/5 s
US < 1.5 UL
< ± (0.25 % + 0.05
)
Rapid Temperature Change
NF EN140000 125 °C CEI 68215 Test Na
5 cycles
-55 °C to +125 °C
< ± (0.25 % + 0.05
)
Load Life
NF EN140000 CEI 115_1
1000 h Pr at +25 °C
< ± (0.5 % + 0.05
)
Humidity (Steady State)
56 days RH 95 %
MIL-STD-202 Method 103 B and C
< ± (0.5 % + 0.05
)
RESISTANCE VALUE IN RELATION TO TOLERANCE AND TCR
Resistance Values
< 1
> 1
Standard Tolerances
± 5 %
± 10 %
Standard TCR
± 250 ppm/°C
± 150 ppm/°C
Tolerance on Request
± 1 % to ± 2 %
SPECIAL FEATURES
MODEL
RCH 5
RCH 10
RCH 25
RCH 50
Power Rating-Chassis Mounted
5 W
10 W
25 W
50 W
Power Rating-Unmounted
2 W
2.5 W
4 W
5.5 W
Thermal Resistance Rth (j - c)
4.8 °C/W
3.2 °C/W
1.4 °C/W
0.8 °C/W
Limiting Element Voltage (VRMS)
160 V
250 V
550 V
1285 V
Max. Overload Voltage (VRMS)
320 V
500 V
1100 V
2500 V
Dielectric Strength (VRMS) 50 Hz, 1 min
MIL-STD-202 Method 301 10 mA max.
2000 V
2000 V
3500 V
3500 V
Critical Resistance
5120
6250
12 100
33 024



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com