Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAI05R-050QL6-R Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSAI05R-050QL6-R
Description  5W USB Adapter with Interchangeable Plugs PSAI05R-050QL6 Series Meets Level VI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAI05R-050QL6-R Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSAI05R-050QL6-R Datasheet HTML 1Page - Phihong USA Inc. PSAI05R-050QL6-R Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revised 1/12/2016
WWW.PHIHONG.COM
5W USB Adapter with Interchangeable Plugs
PSAI05R-050QL6 Series Meets Level VI
Features
• USB Socket
• Low Leakage Current
• Field Changeable AC Plugs
• UL 94 V0 Flammability
• Ecodesign ErP Directive 2009/125/EC
level 2 annex 1b Compliant
•
DOE Level VI Compliance
Applications
• Wireless Communications
• Portable Equipment
• Peripherals
• Networking
Safety Approvals
• cUL/UL
• CE
• RCM2
• CB
Mechanical Characteristics
• Length: 75.3mm (2.96in)
• Height: 32.1mm (1.26in)
• Width: 35.6mm (1.4in)
Output Specifications
(1) Measured by using a 12-inch twisted pair terminal with a 10uF EC capacitor and a 0.1uF ceramic in parallel, measured at
maximum load.
(2) Registration by the country local representative may be required
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the most
up-to-date specifications and contact information.
Model
DC Output
Voltage
Load
Ripple
(1)
Regulation
Efficiency
Min.
Max.
P-P (max.)
Line & Load
Level
PSAI05R-050QL6
5V
0A
1A
200mV
±5%


Similar Part No. - PSAI05R-050QL6-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAI05R-050QL6 PHIHONG-PSAI05R-050QL6 Datasheet
252Kb / 3P
5W USB Interchangeable Plug Adapter
More results

Similar Description - PSAI05R-050QL6-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSB05R-050Q PHIHONG-PSB05R-050Q Datasheet
129Kb / 2P
5W USB Adapter with Interchangeable Plugs
PSC03R-050 PHIHONG-PSC03R-050 Datasheet
93Kb / 2P
2.5W USB Adapter with Interchangeable Plugs
PSA03F-050Q PHIHONG-PSA03F-050Q Datasheet
149Kb / 2P
2.75 Watt F-Series Adapter with Interchangeable AC Clips Thin Adapter Meets Level VI Efficiency Requirements
PSA05F-050QAL6 PHIHONG-PSA05F-050QAL6 Datasheet
608Kb / 2P
5 Watt F-Series Adapter with Interchangeable AC Clips Battery Charging Adapter Meets Level VI Efficiency Requirements
PSA15R-240P6 PHIHONG-PSA15R-240P6 Datasheet
1Mb / 2P
15 Watt Interchangeable Plug Series PSA15R Wall Plug Adapter Meets Level VI Requirements
PSAA20R-240L6 PHIHONG-PSAA20R-240L6 Datasheet
117Kb / 2P
20 Watt Interchangeable Plug Series PSAA20R Adapter Series Meets DOE Level VI
PSAA30R-120 PHIHONG-PSAA30R-120 Datasheet
291Kb / 2P
30W Interchangeable Plug Series PSAA30R Adapter Series Meets Level VI Efficiency Requirements
PSC15R-075 PHIHONG-PSC15R-075 Datasheet
426Kb / 2P
15W Interchangeable Plug Series PSC15R Adapter Series Meets Level VI requirements
PSA10F-050Q PHIHONG-PSA10F-050Q Datasheet
154Kb / 2P
10 Watt F-Series Adapter Supports Interchangeable AC Clips Adapter Meets Level VI Efficiency Requirements
PSAI05R-050QL6 PHIHONG-PSAI05R-050QL6 Datasheet
252Kb / 3P
5W USB Interchangeable Plug Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com