Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAI05R-050QL6 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSAI05R-050QL6
Description  5W USB Adapter with Interchangeable Plugs PSAI05R-050QL6 Series Meets Level VI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAI05R-050QL6 Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSAI05R-050QL6 Datasheet HTML 1Page - Phihong USA Inc. PSAI05R-050QL6 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSAI05R-050QL6 Characteristics
WWW.PHIHONG.COM
Input:
AC Input Voltage Rating
100 to 240V AC
AC Input Voltage Range
90 to 264V AC
AC Input Frequency
47 to 63Hz
Input Current
0.3A (RMS) maximum for 115Vac/max load
0.15A (RMS) maximum for 230Vac/max load
Leakage Current
0.02mA maximum for 240V AC, 50Hz
Inrush Current
45A maximum at 240V AC
(Cold start at ambient 25°C)
Output:
Efficiency
DOE Level VI and CoC V5 tier 2
Environmental:
Temperature
Operation
0 to +50°C
Non-operation
-40 to +85°C
Relative Humidity
90% RH Max
Emissions
FCC Class B
EN55022 Class B
AS / NZS 3548
Immunity
ESD: EN50082-1: EN 61000-4-2, Level 4
Air discharge
± 15KV
Contact
± 8KV
Surge: EN 61000-4-5, Level 2
1KV
RS :
EN61000-4-3, Criteria A
CS :
EN61000-4-6, Criteria A
Voltage Dips : EN61000-4-11, Criteria A
Over-Voltage Protection
7.2V DC maximum
Over-Current Protection
5A maximum
Short-Circuit Protection
The output can be shorted permanently without damage
whenever it operates within input voltage range and
temperature range specified in this specification. Output
current not exceed 950mA(RMS).
Dielectric Withstand (Hi-pot) Test
Pri. to Sec. 3000VAC 10mA for 1 Minute
DC Output Connector
USB Type A
AC Input Clips (sold separately)
RPA: US
RPI: India
RPB: Brazil
RPK: UK
RPC: China
RPN: Argentina
RPE: Europe
RPS: Australia
RPH: Korea
Dimension Diagram Unit: mm (inch)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com