Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP7B-LS Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # BP7B-LS
Description  BP7B ??L-Series IPM Interface Circuit Reference Design
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BP7B-LS Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  BP7B-LS Datasheet HTML 1Page - Powerex Power Semiconductors BP7B-LS Datasheet HTML 2Page - Powerex Power Semiconductors BP7B-LS Datasheet HTML 3Page - Powerex Power Semiconductors BP7B-LS Datasheet HTML 4Page - Powerex Power Semiconductors BP7B-LS Datasheet HTML 5Page - Powerex Power Semiconductors BP7B-LS Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
BP7B Circuit Explanation:
A complete schematic of the
BP7B interface circuit is shown in figure
3 and the bill of materials is given in
Table 2. This circuit uses the VLA606-
01R to transfer logic level control signals
between the system controller and the
IPM. The internal optocouplers provide
galvanic isolation to completely separate
the controller from the high voltage in
the power circuit.
The BP7B also
provides isolated control power supplies
to power the IPMs built-in gate drive and
protection circuits.
The six main IGBT on/off control
signals
(UP,VP,WP,UN,VN,WN)
are
transferred from the system controller to
the IPM using the VLA606-01R. The
IPM’s active low control inputs are
pulled high by the VLA606-01R. An on
signal is generated by turning on the
internal optocoupler to pull the IPM’s
control input pin low.
The brake IGBT control signal (BR) is transferred from the controller to the IPM using a low speed opto-
coupler (IC1). The active low brake input pin on the IPM is normally pulled high by R1. When the BR control line
(Pin 6 of CN1) is pulled low, current flows in the LED of the brake isolation optocoupler turning on its output and
pulling the IPM’s brake pin low to activate the brake IGBT. If the IPM being used does not have the brake option
then IC1, R1, and R2 can be omitted.
The IPM’s fault output signals are transferred back to the system controller using low speed optocoupled
transistors internal to the VLA606-01R. During normal operation the fault feedback line (pin 9 of J2) is pulled
high to the +VL supply by the 4.7K resistor R3. When a fault condition is detected by the IPM it will immediately
turn off the involved IGBT and pull its fault output pin low.
The IPM’s fault output has an open collector
characteristic with an internal 1.5k ohm limiting resistor. Current flows from the +15V local isolated supply to the
low speed optocoupler LED (inside the VLA606-01R) and then to the IPM’s fault pin.
The optocoupler’s
VLA106-24154
VLA106-24151
Figure 2: Isolated DC to DC
Converters for IPM Control Power
L-Series IPM
Connector
J2
FO
WN
VN
UN
BR
VWP1
WP
WFO
VWPC
VN1
VN
VVP1
VP
VFO
VVPC
VUP1
UP
UFO
VUPC
+
C1
+
C2
+
C
+
C4
+V
J3
J1
R4
VLA106-24154/VLA106-24151
1 2 3
11
10
8 9
16 17
+
LED5
C5
IC12
IC5
IC4
IC3
R3
R2
IC1
IC2
IC6
R1
LED4
LED3
LED2
LED1
1
2
3
4
8
9
10
11
15
16
17
18
22
23
24
25
26
27
32
33
34
35
36
37
38
39
40



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com