Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54C165 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C165
Description  Parallel-Load 8-Bit Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C165 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54C165 Datasheet HTML 1Page - National Semiconductor (TI) MM54C165 Datasheet HTML 2Page - National Semiconductor (TI) MM54C165 Datasheet HTML 3Page - National Semiconductor (TI) MM54C165 Datasheet HTML 4Page - National Semiconductor (TI) MM54C165 Datasheet HTML 5Page - National Semiconductor (TI) MM54C165 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5897
December 1992
MM54C165MM74C165
Parallel-Load 8-Bit Shift Register
General Description
The MM54C165MM74C165 functions as an 8-bit parallel-
load serial shift register Data is loaded into the register
independent of the state of the clock(s) when PARALLEL
LOAD (PL) is low Shifting is inhibited as long as PL is low
Data is sequentially shifted from complementary outputs Q7
and Q7 highest-order bit (P7) first New serial data may be
entered via the SERIAL DATA (Ds) input Serial shifting oc-
curs on the rising edge of CLOCK1 or CLOCK2 Clock in-
puts may be used separately or together for combined
clocking from independent sources Either clock input may
be used also as an active-low clock enable To prevent dou-
ble-clocking when a clock input is used as an enable the
enable must be changed to a high level (disabled) only while
the clock is high
Features
Y
Wide supply voltage range
3V to 15V
Y
Guaranteed noise margin
1V
Y
High noise immunity
045 VCC (typ)
Y
Low power TTL compatibility
fan out of 2
driving 74L
Y
Parallel loading independent of clock
Y
Dual clock inputs
Y
Fully static operation
Connection and Block Diagrams
Dual-In-Line Package
TLF5897 – 1
Top View
TLF5897 – 2
Order Number MM54C165 or MM74C165
Please look into Section 8 Appendix D
for availability of various package types
TLF5897 – 3
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54C165

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C164 NSC-MM54C164 Datasheet
128Kb / 6P
8-Bit Parallel-Out Serial Shift Register
More results

Similar Description - MM54C165

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
Parallel-load 8-bit Shift Register
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
Parallel-Load 8-bit Shift Register
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
8-BIT PARALLEL-LOAD SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com