Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C40 Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # C40
Description  Heat Sink System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

C40 Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  C40 Datasheet HTML 1Page - Ohmite Mfg. Co. C40 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
170
dime NS i ONS
HO w t O O rder
C40 Heat Sink System
For TO-247, TO-264 and SOT-227 Packages
4x ø 0.11" pth
(2.8mm)
1.72"
(43.8mm)
2.52"
(64.0mm)
1.26"
(32.0mm)
1.82"
(46.3mm)
1.18"
(29.9mm)
1.37"
(34.7mm)
1.82"
(46.3mm)
0.79"
(20mm)
0.10"
(2.5mm)
0.10"
(2.6mm)
1.26"
(32mm)
0.47"
(12mm)
1.18"
(29.9mm)
0.58"
(14.6mm)
L
Y
X
2x 0.08"
(2.0mm)
2x 0.08"
(2.0mm)
2x 0.18"
(4.06mm)
2x 0.10"
(2.5mm)
L – 0.16"
(0.16mm)
L – 0.16"
(0.16mm)
L
Back-to-back Configuration
(This configuration can accept a 40x40mm fan)
Single Mounting
Clip Dimensions
LAND
PATTERN
LAND
PATTERN
2x ø
0.11" pth
(2.8mm)
6x ø
0.07" pth
(1.8mm)
L
Y
X
2x 0.08"
(2.0mm)
0.18"
(4.06mm)
L – 0.16"
(0.16mm)
0.43"
(11mm)
W +0.12"
(+3.0mm)
W
0.78"
(19.8mm)
1.39" REF
(35.3mm)
"W"
T247 0.63" (16.1mm)
T264 0.80" (20.2mm)
NOTE: Due to possible screw torquing on long extrusions, Customer
should check for coplanarity prior to final assembly or soldering.
Series
Length
(mm)
Finish
A = black anodized
V = degreased
RoHS compliant
C40-058-AE
Clip series
Device type
T247 = TO-247
T264 = TO-264
S227 = SOT-227
(in development)
Standard
configuration
RoHS
compliant
CLA-T247-21E
Heatsink
Clip



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com