Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT37 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT37
Description  CMOS White LED Driver Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT37 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT37 Datasheet HTML 1Page - Catalyst Semiconductor CAT37 Datasheet HTML 2Page - Catalyst Semiconductor CAT37 Datasheet HTML 3Page - Catalyst Semiconductor CAT37 Datasheet HTML 4Page - Catalyst Semiconductor CAT37 Datasheet HTML 5Page - Catalyst Semiconductor CAT37 Datasheet HTML 6Page - Catalyst Semiconductor CAT37 Datasheet HTML 7Page - Catalyst Semiconductor CAT37 Datasheet HTML 8Page - Catalyst Semiconductor CAT37 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CAT37
2
Doc. No. 5005, Rev. R
ORDERING INFORMATION
PIN CONFIGURATION
PIN DESCRIPTIONS
Pin Number
Pin Number
SOT23
TDFN
Name
Function
1
8
SW
Switch pin. This is the drain of the internal power
switch. For minimum EMI, minimize the trace
area connected to this pin.
2
5
GND
Ground pin. Connect pin 2 to ground.
3
6
FB
LED (cathode) connection pin.
44
SHDN
Shutdown pin.
5
2
VIN
Input supply pin. This pin should be bypassed
with a capacitor to ground. A 1
µF capacitor
mounted close to the pin is recommended.
—
1
Power
Power Ground
Ground
(Top View)
TDFN Package: 3mm x 3mm
0.8mm maximum height
(RD4)
CAT37
1
2
3
5
4
SW
GND
FB
VIN
SHDN
θ
5-Lead SOT-23
1mm maximum height
[Free Air]
1
2
3
4
8
7
6
5
SW
NC
FB
GND
Power
GND
VIN
NC
SHDN
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
e
b
u
T
y
t
i
t
n
a
u
Q
l
e
e
R
y
t
i
t
n
a
u
Q
e
g
a
k
c
a
P
e
d
o
C
g
n
i
k
r
a
M
7
E
T
-
K
K
E
7
3
T
A
C3
2
T
O
S
n
i
h
t
,
d
a
e
l
-
5
—
0
0
0
3F
B
3
1
E
T
-
4
D
R
7
3
T
A
C)
m
m
3
x
3
(
N
F
D
T
d
a
p
-
80
2
1D
B
TW
E
C
C
I
D
T
7
3
T
A
C
3
2
T
O
S
n
i
h
t
,
d
a
e
l
-
5
e
e
r
F
d
a
e
L
——
M
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com