Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS2N60F Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFS2N60F
Description  600V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS2N60F Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFS2N60F Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS2N60F Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS2N60F Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS2N60F Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS2N60F Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS2N60F Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS2N60F Datasheet HTML 7Page - SemiHow Co.,Ltd. HFS2N60F Datasheet HTML 8Page - SemiHow Co.,Ltd. HFS2N60F Datasheet HTML 9Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Absolute Maximum Ratings T
C=25
unless otherwise specified
HFP2N60F / HFS2N60F
600V N-Channel MOSFET
Oct 2016
Parameter
Value
Unit
BVDSS
600
V
ID
2A
RDS(on), Typ
3.6
Qg,Typ
6.5
nC
Key Parameters
Features
Symbol
Parameter
TO-220
TO-220F
Unit
V
DSS
Drain-Source Voltage
600
V
I
D
Drain Current
– Continuous (T
C = 25
)
2.0
2.0 *
A
Drain Current
– Continuous (T
C = 100
)
1.3
1.3 *
A
I
DM
Drain Current
– Pulsed
(Note 1)
8.0
8.0 *
A
V
GS
Gate-Source Voltage
30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
110
mJ
I
AR
Avalanche Current
(Note 1)
2.0
A
E
AR
Repetitive Avalanche Energy
(Note 1)
5.4
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
P
D
Power Dissipation (T
C = 25
)
- Derate above 25
54
23
W
0.43
0.18
W/
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
Symbol
Parameter
TO-220
TO-220F
Unit
R
JC
Thermal Resistance, Junction-to-Case, Max.
2.32
5.5
/W
R
CS
Thermal Resistance, Case-to-Sink, Typ.
0.5
--
/W
R
JA
Thermal Resistance, Junction-to-Ambient, Max.
62.5
62.5
/W
* Drain current limited by maximum junction temperature
Thermal Resistance Characteristics
HFP2N60F
TO-220
HFS2N60F
TO-220F
Symbol
G
D
S
G
D
S
Originative New Design
Very Low Intrinsic Capacitances
Excellent Switching Characteristics
100% Avalanche Tested
RoHS Compliant


Similar Part No. - HFS2N60F

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFS2N60FS SEMIHOW-HFS2N60FS Datasheet
189Kb / 7P
600V N-Channel MOSFET
HFS2N60FS SEMIHOW-HFS2N60FS_16 Datasheet
216Kb / 7P
600V N-Channel MOSFET
More results

Similar Description - HFS2N60F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF12N60 FAIRCHILD-FQAF12N60 Datasheet
539Kb / 8P
600V N-Channel MOSFET
FQB12N60 FAIRCHILD-FQB12N60 Datasheet
540Kb / 9P
600V N-Channel MOSFET
FQB1N60 FAIRCHILD-FQB1N60 Datasheet
545Kb / 9P
600V N-Channel MOSFET
FQD3N60 FAIRCHILD-FQD3N60 Datasheet
575Kb / 9P
600V N-Channel MOSFET
FQP12N60 FAIRCHILD-FQP12N60 Datasheet
532Kb / 8P
600V N-Channel MOSFET
FQP6N60 FAIRCHILD-FQP6N60 Datasheet
536Kb / 8P
600V N-Channel MOSFET
FQP7N60 FAIRCHILD-FQP7N60 Datasheet
581Kb / 8P
600V N-Channel MOSFET
FQPF12N60 FAIRCHILD-FQPF12N60 Datasheet
549Kb / 8P
600V N-Channel MOSFET
FQPF3N60 FAIRCHILD-FQPF3N60 Datasheet
557Kb / 8P
600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com