Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFP730F Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HFP730F
Description  400V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFP730F Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HFP730F Datasheet HTML 1Page - SemiHow Co.,Ltd. HFP730F Datasheet HTML 2Page - SemiHow Co.,Ltd. HFP730F Datasheet HTML 3Page - SemiHow Co.,Ltd. HFP730F Datasheet HTML 4Page - SemiHow Co.,Ltd. HFP730F Datasheet HTML 5Page - SemiHow Co.,Ltd. HFP730F Datasheet HTML 6Page - SemiHow Co.,Ltd. HFP730F Datasheet HTML 7Page - SemiHow Co.,Ltd. HFP730F Datasheet HTML 8Page - SemiHow Co.,Ltd. HFP730F Datasheet HTML 9Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
On Characteristics
V
GS
Gate Threshold Voltage
V
DS = VGS, ID
2.0
--
4.0
V
R
DS(ON)
Static Drain-Source
On-Resistance
V
GS = 10 V, ID = 3 A
--
0.8
1.0
g
FS
Forward Transconductance
V
DS = 30 V ID = 3 A
--
4.2
--
S
Off Characteristics
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID
400
--
--
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = 400 V, VGS = 0 V
--
--
10
V
DS = 400 V, TC = 125
--
--
100
I
GSS
Gate-Body Leakage Current
V
GS =
30 V, V
DS = 0 V
--
--
100
nA
Dynamic Characteristics
C
iss
Input Capacitance
V
DS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
530
690
pF
C
oss
Output Capacitance
--
84
110
pF
C
rss
Reverse Transfer Capacitance
--
11
14.5
pF
Switching Characteristics
t
d(on)
Turn-On Time
V
DS = 200 V, ID = 6 A,
R
G = 25
(Note 4,5)
--
20
60
ns
t
r
Turn-On Rise Time
--
21
52
ns
t
d(off)
Turn-Off Delay Time
--
55
120
ns
t
f
Turn-Off Fall Time
--
22
54
ns
Q
g
Total Gate Charge
V
DS = 320 V, ID = 6 A,
V
GS = 10 V
(Note 4,5)
--
13
17
nC
Q
gs
Gate-Source Charge
--
2.8
--
nC
Q
gd
Gate-Drain Charge
--
5.4
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
I
S
Maximum Continuous Drain-Source Diode Forward Current
--
--
6
A
I
SM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
24
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = 6 A
--
--
1.4
V
trr
Reverse Recovery Time
V
GS = 0 V, IS = 6 A
di
F/dt = 100 A/
--
220
--
ns
Qrr
Reverse Recovery Charge
--
1.1
--
Notes :
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L=12mH, I
AS=6A, VDD=50V, RG=25
, Starting T
J =25 C
3. I
SD
DD
DSS , Starting TJ =25
C
4. Pulse Test : Pulse Width
5. Essentially Independent of Operating Temperature
Electrical Characteristics T
J=25
unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com