Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7004 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # AS7004
Description  SMTO-8 CASCADABLE AS7004 AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AS7004 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  AS7004 Datasheet HTML 1Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
PRELIMINARY
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
100 TO 7000 MHz
SMTO-8 CASCADABLE AMPLIFIER
AS7004
Typical Values
AS7004
High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
18.5 dB
Medium Output Power . . . . . . . . . . . . . . . . . . . . . . . . . . .
+18.5 dBm
Ultra Broadband Width . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.1 - 7.0 GHz
High Performance Thin Film
Standard Size SMTO-8 Package
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency (Min.)
100-7000 MHz
100-7000 MHz
100-7000 MHz
Typical @ 25 °C
AS7004
Second Order Harmonic Intercept Point. . . . . . . . . . . . . . .
+39 dBm
Second Order Two Tone Intercept Point . . . . . . . . . . . . . . .
+33 dBm
Third Order Two Tone Intercept Point . . . . . . . . . . . . . . . . .
+25 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to +150 °C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+120 °C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+17 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+10 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . . .
+16 dBm
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
+19 dBm
Burn-in Temperature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+75°C
Thermal Resistance (θjc)
. . . . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . . .
+55 °C
AS7004
SMTO-8 Package for Amplifiers
Small Signal Gain (Min.)
18.5 dB
17.0 dB
16.5 dB
Gain Flatness (Max.)
±1.0 dB
±1.2 dB
±1.6 dB
Noise Figure (Max.)
2.5 dB
3.3† dB
3.8† dB
SWR (Max.)
Input/Output
2.0:1
2.2:1
2.2:1
Power Output (Min.)
@ 1dB comp. 100-1500 MHz
+15.5 dBm
+15.0 dBm
+14.5 dBm
1500-5000 MHz
+16.5 dBm
+15.5 dBm
+15.0 dBm
5000-8000 MHz
+18.5 dBm
+17.0 dBm
+16.5 dBm
Reverse Isolation
40 dB
——
DC Current (Max.)
140 mA
150 mA
155 mA
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
† 0.5 higher below 100 MHz.


Similar Part No. - AS7004

ManufacturerPart #DatasheetDescription
logo
ams AG
AS7000 AMSCO-AS7000 Datasheet
1Mb / 92P
The AS7000 device provides a flexible analog front end for light sensing applications
More results

Similar Description - AS7004

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AS1209 TELEDYNE-AS1209 Datasheet
120Kb / 2P
SMTO-8 CASCADABLE AS1209 AMPLIFIER
AS5002 TELEDYNE-AS5002 Datasheet
144Kb / 2P
SMTO-8 CASCADABLE AMPLIFIER
AS5066 TELEDYNE-AS5066 Datasheet
138Kb / 2P
SMTO-8 CASCADABLE AMPLIFIER
AS6004 TELEDYNE-AS6004 Datasheet
93Kb / 1P
SMTO-8 CASCADABLE AMPLIFIER
AS6043 TELEDYNE-AS6043 Datasheet
145Kb / 2P
SMTO-8 CASCADABLE AMPLIFIER
AS6045 TELEDYNE-AS6045 Datasheet
146Kb / 2P
SMTO-8 CASCADABLE AMPLIFIER
AS6054 TELEDYNE-AS6054 Datasheet
142Kb / 2P
SMTO-8 CASCADABLE AMPLIFIER
AS6063 TELEDYNE-AS6063 Datasheet
189Kb / 2P
SMTO-8 CASCADABLE AMPLIFIER
AS6064 TELEDYNE-AS6064 Datasheet
158Kb / 2P
SMTO-8 CASCADABLE AMPLIFIER
AS6066 TELEDYNE-AS6066 Datasheet
143Kb / 2P
SMTO-8 CASCADABLE AS6066 AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com