Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPTA42 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPTA42
Description  SILICON COMPLEMENTARY HIGH VOLTAGE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPTA42 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPTA42 Datasheet HTML 1Page - Central Semiconductor Corp CMPTA42 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
CMPTA42
CMPTA92
UNITS
Collector-Base Voltage
VCBO
300
300
V
Collector-Emitter Voltage
VCEO
300
300
V
Emitter-Base Voltage
VEBO
6.0
5.0
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMPTA42
CMPTA92
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=200V
100
250
nA
IEBO
VBE=6.0V
100
-
nA
IEBO
VBE=3.0V
-
100
nA
BVCBO
IC=100µA
300
300
V
BVCEO
IC=1.0mA
300
300
V
BVEBO
IE=100µA
6.0
5.0
V
VCE(SAT)
IC=20mA, IB=2.0mA
0.5
0.5
V
VBE(SAT)
IC=20mA, IB=2.0mA
0.9
0.9
V
hFE
VCE=10V, IC=1.0mA
25
25
hFE
VCE=10V, IC=10mA
40
40
hFE
VCE=10V, IC=30mA
40
25
fT
VCE=20V, IC=10mA, f=100MHz
50
50
MHz
Cob
VCB=20V, IE=0, f=1.0MHz
6.0
6.0
pF
CMPTA42 NPN
CMPTA92 PNP
SILICON COMPLEMENTARY
HIGH VOLTAGE TRANSISTOR
SOT-23 CASE
Central
Semiconductor Corp.
TM
R5 (6-May 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPTA42,
CMPTA92 types are complementary surface
mount epoxy molded silicon planar epitaxial
transistors designed for high voltage applications.
MARKING CODE:
CMPTA42: C1D
CMPTA92: C2D


Similar Part No. - CMPTA42

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA42 CENTRAL-CMPTA42 Datasheet
327Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPTA42E CENTRAL-CMPTA42E Datasheet
124Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPTA42E CENTRAL-CMPTA42E_15 Datasheet
333Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPTA42 CENTRAL-CMPTA42_10 Datasheet
327Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPTA42 CENTRAL-CMPTA42_15 Datasheet
327Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
More results

Similar Description - CMPTA42

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2519 NTE-NTE2519 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Voltage Driver
NTE2530 NTE-NTE2530 Datasheet
23Kb / 2P
Silicon Complementary Transistors High Voltage Driver
logo
Central Semiconductor C...
CZTA42 CENTRAL-CZTA42 Datasheet
72Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTOR
logo
Continental Device Indi...
CC5551 CDIL-CC5551 Datasheet
50Kb / 4P
NPN COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTOR
logo
Central Semiconductor C...
CMPT6517 CENTRAL-CMPT6517 Datasheet
104Kb / 2P
COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
logo
Continental Device Indi...
CC5401 CDIL-CC5401 Datasheet
61Kb / 3P
PNP COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTO
logo
Central Semiconductor C...
CMLT5554 CENTRAL-CMLT5554_15 Datasheet
510Kb / 3P
COMPLEMENTARY HIGH VOLTAGE TRANSISTOR
logo
First Components Intern...
TIP35-6 FCI-TIP35-6 Datasheet
142Kb / 2P
Complementary Silicon High Power Transistor
logo
New Jersey Semi-Conduct...
2N6430 NJSEMI-2N6430 Datasheet
51Kb / 1P
COMPLEMENTARY SILICON TRANSISTOR
logo
Central Semiconductor C...
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com