Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP424C Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP424C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP424C Datasheet(HTML) 4 Page - National Semiconductor (TI)

  COP424C Datasheet HTML 1Page - National Semiconductor (TI) COP424C Datasheet HTML 2Page - National Semiconductor (TI) COP424C Datasheet HTML 3Page - National Semiconductor (TI) COP424C Datasheet HTML 4Page - National Semiconductor (TI) COP424C Datasheet HTML 5Page - National Semiconductor (TI) COP424C Datasheet HTML 6Page - National Semiconductor (TI) COP424C Datasheet HTML 7Page - National Semiconductor (TI) COP424C Datasheet HTML 8Page - National Semiconductor (TI) COP424C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
COP424CCOP425CCOP426C and COP444CCOP445C
AC Electrical Characteristics 0 CsTAs70 C unless otherwise specified
Parameter
Conditions
Min
Max
Units
Instruction Cycle Time (tc)
VCCt45V
4
DC
m
s
45VlVCCt24V
16
DC
m
s
Operating CKI
d
4 mode
DC
10
MHz
Frequency
d
8 mode
VCCt45V
DC
20
MHz
d
16 mode
(
DC
40
MHz
d
4 mode
DC
250
kHz
d
8 mode
45VlVCCt24V
DC
500
kHz
d
16 mode
(
DC
10
MHz
Duty Cycle (Note 4)
f1e4 MHz
40
60
%
Rise Time (Note 4)
f1e4 MHz External Clock
60
ns
Fall Time (Note 4)
f1e4 MHz External Clock
40
ns
Instruction Cycle Time
Re30k g5% VCC e 5V
511
m
s
RC Oscillator (Note 4)
Ce82 pF g5% (d4 Mode)
Inputs (See
Figure 3 )
tSETUP
G Inputs
tc4a 7
m
s
SI Input
VCCt 45V
03
m
s
All Others
(
17
m
s
tHOLD
VCCt 45V
025
m
s
45VlVCCt24V
10
m
s
Output Propagation Delay
VOUTe15V CLe100 pF RLe5k
tPD1 tPD0
VCCt 45V
10
m
s
tPD1 tPD0
45VlVCCt24V
40
m
s
Microbus Timing
CLe50 pF VCCe5Vg5%
Read Operation (
Figure 4 )
Chip Select Stable before RD btCSR
65
ns
Chip Select Hold Time for RD btRCS
20
ns
RD Pulse WidthbtRR
400
ns
Data Delay from RD btRD
375
ns
RD to Data Floating btDF (Note 4)
250
ns
Write Operation (
Figure 5 )
Chip Select Stable before WR btCSW
65
ns
Chip Select Hold Time for WR btWCS
20
ns
WR Pulse WidthbtWW
400
ns
Data Set-Up Time for WR btDW
320
ns
Data Hold Time for WR btWD
100
ns
INTR Transition Time from WR btWI
700
ns
Note 1
Supply current is measured after running for 2000 cycle times with a square-wave clock on CKI CKO open and all other pins pulled up to VCC with 5k
resistors See current drain equation on page 17
Note 2
The HALT mode will stop CKI from oscillating in the RC and crystal configurations Test conditions all inputs tied to VCC L lines in TRI-STATE mode and
tied to ground all outputs low and tied to ground
Note 3
When forcing HALT current is only needed for a short time (approx 200 ns) to flip the HALT flip-flop
Note 4
This parameter is only sampled and not 100% tested Variation due to the device included
Note 5
Voltage change must be less than 05 volts ina1ms period
Note 6
SO output sink current must be limited to keep VOL less than 02VCC when part is running in order to prevent entering test mode
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com