Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP425C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP425C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP425C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP425C Datasheet HTML 1Page - National Semiconductor (TI) COP425C Datasheet HTML 2Page - National Semiconductor (TI) COP425C Datasheet HTML 3Page - National Semiconductor (TI) COP425C Datasheet HTML 4Page - National Semiconductor (TI) COP425C Datasheet HTML 5Page - National Semiconductor (TI) COP425C Datasheet HTML 6Page - National Semiconductor (TI) COP425C Datasheet HTML 7Page - National Semiconductor (TI) COP425C Datasheet HTML 8Page - National Semiconductor (TI) COP425C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TLDD5259
April 1992
COP424C COP425C COP426C COP324C COP325C
COP326C and COP444C COP445C COP344C COP345C
Single-Chip 1k and 2k CMOS Microcontrollers
General Description
The COP424C
COP425C
COP426C
COP444C and
COP445C fully static Single-Chip CMOS Microcontrollers
are members of the COPSTM family fabricated using dou-
ble-poly silicon gate microCMOS technology These Con-
troller Oriented Processors are complete microcomputers
containing all system timing internal logic ROM RAM and
IO necessary to implement dedicated control functions in a
variety of applications Features include single supply oper-
ation a variety of output configuration options with an in-
struction set internal architecture and IO scheme de-
signed to facilitate keyboard input display output and BCD
data manipulation The COP424C and COP444C are 28 pin
chips The COP425C and COP445C are 24-pin versions (4
inputs removed) and COP426C is 20-pin version with 15 IO
lines Standard test procedures and reliable high-density
techniques provide the medium to large volume customers
with a customized microcontroller at a low end-product cost
These microcontrollers are appropriate choices in many de-
manding control environments especially those with human
interface
The COP424C is an improved product which replaces the
COP420C
COPSTM MicrobusTM and MICROWIRETM are trademarks of National Semiconductor Corp
TRI-STATE
is a registered trademark of National Semiconductor Corp
Features
Y
Lowest power dissipation (50 mW typical)
Y
Fully static (can turn off the clock)
Y
Power saving IDLE state and HALT mode
Y
4 ms instruction time plus software selectable clocks
Y
2k x 8 ROM 128 x 4 RAM (COP444CCOP445C)
Y
1k x 8 ROM
64 x 4 RAM (COP424CCOP425C
COP426C)
Y
23 IO lines (COP444C and COP424C)
Y
True vectored interrupt plus restart
Y
Three-level subroutine stack
Y
Single supply operation (24V to 55V)
Y
Programmable readwrite 8-bit timerevent counter
Y
Internal binary counter register with MICROWIRETM
serial IO capability
Y
General purpose and TRI-STATE
outputs
Y
LSTTLCMOS output compatible
Y
MicrobusTM compatible
Y
Softwarehardware compatible with COP400 family
Y
Extended temperature range devices COP324C
COP325CCOP326C and COP344CCOP345C (b40 C
to a85 C)
Y
Military devices (b55 Cto a125 C) to be available
Block Diagram
Not available on COP426CCOP326C
TLDD5259 – 1
FIGURE 1
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - COP425C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP420 NSC-COP420 Datasheet
8Mb / 79P
COPS Family Users Guide Table of Contents
COP421 NSC-COP421 Datasheet
8Mb / 79P
COPS Family Users Guide Table of Contents
COP422 NSC-COP422 Datasheet
8Mb / 79P
COPS Family Users Guide Table of Contents
More results

Similar Description - COP425C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Zilog, Inc.
Z86C04 ZILOG-Z86C04 Datasheet
207Kb / 34P
CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
logo
National Semiconductor ...
COP410C NSC-COP410C Datasheet
313Kb / 20P
Single-Chip CMOS Microcontrollers
COP413C NSC-COP413C Datasheet
223Kb / 16P
Single-Chip CMOS Microcontrollers
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
logo
Zilog, Inc.
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
logo
National Semiconductor ...
COP224C NSC-COP224C Datasheet
325Kb / 24P
Single-Chip 1k and 2k CMOS Microcontrollers
logo
Asahi Kasei Microsystem...
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CL AKM-AK93C45CL Datasheet
154Kb / 16P
1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CT AKM-AK93C45CT Datasheet
154Kb / 16P
1K/2K/4Kbit Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com