Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F723E-DISCO Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F723E-DISCO
Description  Discovery kit with STM32F723IE MCU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F723E-DISCO Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F723E-DISCO Datasheet HTML 1Page - STMicroelectronics STM32F723E-DISCO Datasheet HTML 2Page - STMicroelectronics STM32F723E-DISCO Datasheet HTML 3Page - STMicroelectronics STM32F723E-DISCO Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
January 2017
DocID029988 Rev 1
1/4
32F723EDISCOVERY
Discovery kit with STM32F723IE MCU
Data brief
Features
• STM32F723IEK6 microcontroller featuring 512
Kbytes of Flash memory and 176+16 Kbytes of
RAM, in BGA176 package
• On-board ST-LINK/V2-1 supporting USB
re-enumeration capability
• USB ST-LINK functions:
–
Virtual COM port
–
Mass storage
–
Debug port
• TFT LCD 240x240 pixels with touch panel
• SAI audio codec
• Stereo 3.5mm jack connector for audio line
input
• Stereo 3.5mm jack connector for headphone
• Stereo speaker outputs
• Four ST-MEMS microphones
• Two push-buttons (user and reset)
• 512-Mbit Quad-SPI Flash memory
• 8-Mbit external PSRAM
• USB OTG HS with Micro-AB connector
• USB OTG FS with Micro-AB connector
• Five power supply options:
–ST LINK/V2-1
–
USB HS connector
–
USB FS connector
–
5V from Arduino™ Uno V3 or external
connector
–
USB charger
• Power supply output for external applications:
3.3V or 5V
• ESP-01 Wi-Fi module connector
• Arduino™ Uno V3 connectors
• PMOD connector
• STMod+ connector
1. From top to bottom: top view of the
32F723EDISCOVERY Discovery kit with the Fanout
board connected and bottom view of the
32F723EDISCOVERY Discovery kit without the
Fanout board. Pictures are not contractual.
• Fanout board (included inside the board
package) compatible with MikroElektronika
Click boards, ESP-01 and Seeed Studio™
Grove modules. Provision for headers for direct
breadboard plug-in.
• Comprehensive free software including a
variety of examples, part of the STM32Cube
package
• Support of a wide choice of integrated
development environments
www.st.com


Similar Part No. - STM32F723E-DISCO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F723 STMICROELECTRONICS-STM32F723 Datasheet
3Mb / 26P
STM32 development boards
STM32F723IC STMICROELECTRONICS-STM32F723IC Datasheet
4Mb / 224P
Arm® Cortex®-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash 256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
03-Feb-2022
STM32F723ICI6TR STMICROELECTRONICS-STM32F723ICI6TR Datasheet
3Mb / 229P
Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
April 2020 Rev 6
STM32F723ICI7TR STMICROELECTRONICS-STM32F723ICI7TR Datasheet
3Mb / 229P
Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
April 2020 Rev 6
STM32F723ICK6TR STMICROELECTRONICS-STM32F723ICK6TR Datasheet
3Mb / 229P
Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
April 2020 Rev 6
More results

Similar Description - STM32F723E-DISCO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM32F469 ETC2-STM32F469 Datasheet
267Kb / 4P
Discovery kit with STM32F469NI MCU
logo
STMicroelectronics
32F429IDISCOVERY STMICROELECTRONICS-32F429IDISCOVERY Datasheet
362Kb / 4P
Discovery kit with STM32F429ZI MCU
28-Oct-2016
32F746GDISCOVERY STMICROELECTRONICS-32F746GDISCOVERY Datasheet
332Kb / 4P
Discovery kit with STM32F746NG MCU
29-Jun-2015
32F769IDISCOVERY STMICROELECTRONICS-32F769IDISCOVERY Datasheet
433Kb / 5P
Discovery kit with STM32F769NI MCU
26-Aug-2016
UM2032 STMICROELECTRONICS-UM2032 Datasheet
1Mb / 48P
Discovery kit with STM32F412ZG MCU
08-Nov-2016
STM32L4P5G-DK STMICROELECTRONICS-STM32L4P5G-DK Datasheet
1Mb / 6P
Discovery kit with STM32L4P5AG MCU
Rev 1 - November 2019
STM32H735G-DK STMICROELECTRONICS-STM32H735G-DK Datasheet
3Mb / 6P
Discovery kit with STM32H735IG MCU
Rev 1 - April 2020
STM32H7B3I-DK STMICROELECTRONICS-STM32H7B3I-DK Datasheet
3Mb / 6P
Discovery kit with STM32H7B3LI MCU
December 2019
STM32F7508-DK STMICROELECTRONICS-STM32F7508-DK Datasheet
332Kb / 5P
Discovery kit with STM32F750N8 MCU
17-Mar-2020
STM32L562E-DK STMICROELECTRONICS-STM32L562E-DK Datasheet
497Kb / 6P
Discovery kit with STM32L562QE MCU
March 2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com