Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8904 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS8904
Description  ETHERNET TRANSCEIVER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8904 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS8904 Datasheet HTML 17Page - Cirrus Logic CS8904 Datasheet HTML 18Page - Cirrus Logic CS8904 Datasheet HTML 19Page - Cirrus Logic CS8904 Datasheet HTML 20Page - Cirrus Logic CS8904 Datasheet HTML 21Page - Cirrus Logic CS8904 Datasheet HTML 22Page - Cirrus Logic CS8904 Datasheet HTML 23Page - Cirrus Logic CS8904 Datasheet HTML 24Page - Cirrus Logic CS8904 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
DS191PP2
21
CS8904
Crystal LAN™ Quad Ethernet Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
DIGITAL INPUT/OUTPUT CHARACTERISTICS (Over Recommended Operating Conditions.)
Notes: 2. Open Drain Output with 10 mA drive.
3. Open Drain Output with 4 mA drive.
Parameter
Symbol
Min
Max
Unit
Output Low Voltage
IOL = 8 mA
(Note 2)
IOL = 4 mA
(Note 3)
VOL
-
-
0.4
0.4
V
V
Output High Voltage
IOH = -2 mA
(Note 3)
VOH
2.4
-
V
Output Leakage Current 0
≤ V
OUT ≤ VCC
(Note 2)
ILL
-10
10
µA
Input Low Voltage
Input
Input with Internal Weak Pullup
VIL
-
-
0.8
0.8
V
V
Input High Voltage
Input
Input with Internal Weak Pullup
VIH
2.0
2.0
-
-
V
V
Input Leakage Current
0
≤ V
IN ≤ VCC
Input
Input with Internal Weak Pullup
IL
IOL
-10
-20
10
10
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com