Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32F746GDISCOVERY Datasheet(PDF) 1 Page - STMicroelectronics

Part # 32F746GDISCOVERY
Description  Discovery kit with STM32F746NG MCU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32F746GDISCOVERY Datasheet(HTML) 1 Page - STMicroelectronics

  32F746GDISCOVERY Datasheet HTML 1Page - STMicroelectronics 32F746GDISCOVERY Datasheet HTML 2Page - STMicroelectronics 32F746GDISCOVERY Datasheet HTML 3Page - STMicroelectronics 32F746GDISCOVERY Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
June 2015
DocID027792 Rev 2
1/4
32F746GDISCOVERY
Discovery kit with STM32F746NG MCU
Data brief
Features
• STM32F746NGH6 microcontroller featuring
1 Mbytes of Flash memory and 340 Kbytes of
RAM, in BGA216 package
• On-board ST-LINK/V2-1 supporting USB re-
enumeration capability
• Mbed-enabled (mbed.org)
• USB functions: virtual COM port, mass
storage, debug port
• 4.3-inch 480x272 color LCD-TFT with
capacitive touch screen
• Camera connector
• SAI audio codec
• Audio line in and line out jack
• Stereo speaker outputs
• Two ST MEMS microphones
• SPDIF RCA input connector
• Two pushbuttons (user and reset)
• 128-Mbit Quad-SPI Flash memory
• 128-Mbit SDRAM (64 Mbits accessible)
• Connector for microSD card
• RF-EEPROM daughterboard connector
• USB OTG HS with Micro-AB connectors
• USB OTG FS with Micro-AB connectors
• Ethernet connector compliant with
IEEE-802.3-2002
• Five power supply options:
–ST LINK/V2-1
– USB FS connector
– USB HS connector
– VIN from Arduino connector
– External 5 V from connector
• Power supply output for external applications:
3.3 V or 5 V
• Arduino Uno V3 connectors
• Comprehensive free software including a
variety of examples, part of STM32Cube
package
• Supported by a wide choice of integrated
development environments
1. Pictures not contractual
Description
The STM32F7 discovery kit allows users to
develop and share applications with the
STM32F7 Series microcontollers based on ARM®
Cortex®-M7 core.
The discovery kit enables a wide diversity of
applications taking benefit from audio, multi-
sensor support, graphics, security, video and
high-speed connectivity features.
The Arduino connectivity support provides
unlimited expansion capabilities with a large
choice of specialized add-on boards.
www.st.com


Similar Part No. - 32F746GDISCOVERY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
32F746GDISCOVERY STMICROELECTRONICS-32F746GDISCOVERY Datasheet
3Mb / 26P
STM32 development boards
More results

Similar Description - 32F746GDISCOVERY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM32F469 ETC2-STM32F469 Datasheet
267Kb / 4P
Discovery kit with STM32F469NI MCU
logo
STMicroelectronics
32F429IDISCOVERY STMICROELECTRONICS-32F429IDISCOVERY Datasheet
362Kb / 4P
Discovery kit with STM32F429ZI MCU
28-Oct-2016
32F723EDISCOVERY STMICROELECTRONICS-32F723EDISCOVERY Datasheet
315Kb / 4P
Discovery kit with STM32F723IE MCU
17-Jan-2017
32F769IDISCOVERY STMICROELECTRONICS-32F769IDISCOVERY Datasheet
433Kb / 5P
Discovery kit with STM32F769NI MCU
26-Aug-2016
UM2032 STMICROELECTRONICS-UM2032 Datasheet
1Mb / 48P
Discovery kit with STM32F412ZG MCU
08-Nov-2016
STM32L4P5G-DK STMICROELECTRONICS-STM32L4P5G-DK Datasheet
1Mb / 6P
Discovery kit with STM32L4P5AG MCU
Rev 1 - November 2019
STM32H735G-DK STMICROELECTRONICS-STM32H735G-DK Datasheet
3Mb / 6P
Discovery kit with STM32H735IG MCU
Rev 1 - April 2020
STM32H7B3I-DK STMICROELECTRONICS-STM32H7B3I-DK Datasheet
3Mb / 6P
Discovery kit with STM32H7B3LI MCU
December 2019
STM32F7508-DK STMICROELECTRONICS-STM32F7508-DK Datasheet
332Kb / 5P
Discovery kit with STM32F750N8 MCU
17-Mar-2020
STM32L562E-DK STMICROELECTRONICS-STM32L562E-DK Datasheet
497Kb / 6P
Discovery kit with STM32L562QE MCU
March 2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com