Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I-DISCO Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F769I-DISCO
Description  Discovery kit with STM32F769NI MCU
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I-DISCO Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F769I-DISCO Datasheet HTML 1Page - STMicroelectronics STM32F769I-DISCO Datasheet HTML 2Page - STMicroelectronics STM32F769I-DISCO Datasheet HTML 3Page - STMicroelectronics STM32F769I-DISCO Datasheet HTML 4Page - STMicroelectronics STM32F769I-DISCO Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For further information contact your local STMicroelectronics sales office.
August 2016
DocID029089 Rev 2
1/5
32F769IDISCOVERY
Discovery kit with STM32F769NI MCU
Data brief
Features
 STM32F769NIH6 microcontroller featuring 
2 Mbytes of Flash memory and
512+16+4 Kbytes of RAM, in BGA216 package
 On-board ST-LINK/V2-1 supporting USB 
reenumeration capability
 USB ST-LINK functions: virtual COM port,
mass storage, debug port
 4" capacitive touch LCD display with MIPI® DSI
connector (on STM32F769I-DISCO only)
 SAI audio codec
 Two audio line jacks, one for input and one for
output
 Stereo speaker outputs
 Four ST MEMS microphones on DFSDM
inputs
 Two SPDIF RCA input and output connectors
 Two push-buttons (user and reset)
 512-Mbit Quad-SPI Flash memory
 128-Mbit SDRAM
 Connector for microSD card
 Wi-Fi or Ext-EEP daughterboard connector
 USB OTG HS with Micro-AB connector
 Ethernet connector compliant with 
IEEE-802.3-2002
 Five power supply options:
–ST LINK/V2-1
– USB HS connector
– 5 V from RJ45 (Power Over Ethernet)
– 5 V from Arduino™ or external connector
– USB charger
 Power Over Ethernet based on IEEE 802.3af
(Powered Device, 48 V to 5 V, 3 W)
 Power supply output for external applications:
3.3 V or 5 V
 Arduino™ Uno V3 connectors
1. Pictures are not contractual. From top to bottom:
STM32F769I-DISCO top view, STM32F769I-DISC1
top view, STM32F769I-DISCO and STM32F769I-
DISC1 bottom view.
 Comprehensive free software including a
variety of examples, part of the STM32Cube
package
 Supported by a wide choice of integrated
development environments
www.st.com


Similar Part No. - STM32F769I-DISCO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F769I-EVAL STMICROELECTRONICS-STM32F769I-EVAL Datasheet
309Kb / 4P
Evaluation board with STM32F769NI MCU
20-Apr-2016
STM32F769I-EVAL STMICROELECTRONICS-STM32F769I-EVAL Datasheet
3Mb / 26P
STM32 development boards
More results

Similar Description - STM32F769I-DISCO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM32F469 ETC2-STM32F469 Datasheet
267Kb / 4P
Discovery kit with STM32F469NI MCU
logo
STMicroelectronics
32F429IDISCOVERY STMICROELECTRONICS-32F429IDISCOVERY Datasheet
362Kb / 4P
Discovery kit with STM32F429ZI MCU
28-Oct-2016
32F723EDISCOVERY STMICROELECTRONICS-32F723EDISCOVERY Datasheet
315Kb / 4P
Discovery kit with STM32F723IE MCU
17-Jan-2017
32F746GDISCOVERY STMICROELECTRONICS-32F746GDISCOVERY Datasheet
332Kb / 4P
Discovery kit with STM32F746NG MCU
29-Jun-2015
UM2032 STMICROELECTRONICS-UM2032 Datasheet
1Mb / 48P
Discovery kit with STM32F412ZG MCU
08-Nov-2016
STM32L4P5G-DK STMICROELECTRONICS-STM32L4P5G-DK Datasheet
1Mb / 6P
Discovery kit with STM32L4P5AG MCU
Rev 1 - November 2019
STM32H735G-DK STMICROELECTRONICS-STM32H735G-DK Datasheet
3Mb / 6P
Discovery kit with STM32H735IG MCU
Rev 1 - April 2020
STM32H7B3I-DK STMICROELECTRONICS-STM32H7B3I-DK Datasheet
3Mb / 6P
Discovery kit with STM32H7B3LI MCU
December 2019
STM32F7508-DK STMICROELECTRONICS-STM32F7508-DK Datasheet
332Kb / 5P
Discovery kit with STM32F750N8 MCU
17-Mar-2020
STM32L562E-DK STMICROELECTRONICS-STM32L562E-DK Datasheet
497Kb / 6P
Discovery kit with STM32L562QE MCU
March 2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com