Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP445C Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP445C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP445C Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button COP445C Datasheet HTML 13Page - National Semiconductor (TI) COP445C Datasheet HTML 14Page - National Semiconductor (TI) COP445C Datasheet HTML 15Page - National Semiconductor (TI) COP445C Datasheet HTML 16Page - National Semiconductor (TI) COP445C Datasheet HTML 17Page - National Semiconductor (TI) COP445C Datasheet HTML 18Page - National Semiconductor (TI) COP445C Datasheet HTML 19Page - National Semiconductor (TI) COP445C Datasheet HTML 20Page - National Semiconductor (TI) COP445C Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Description of Selected Instructions
XAS INSTRUCTION
XAS (Exchange A with SIO) copies C to the SKL latch and
exchanges the accumulator with the 4-bit contents of the
SIO register The contents of SIO will contain serial-inseri-
al-out shift register or binary counter data depending on the
value of the EN register If SIO is selected as a shift register
an XAS instruction can be performed once every 4 instruc-
tion cycles to effect a continuous data stream
LQID INSTRUCTION
LQID (Load Q Indirect) loads the 8-bit Q register with the
contents
of
ROM
pointed
to
by
the
11-bit
word
PC10PC8AM LQID can be used for table lookup or code
conversion such as BCD to seven-segment The LQID in-
struction ‘‘pushes’’ the stack (PCa1
xSAxSBxSC)
and replaces the least significant 8 bits of the PC as follows
A
xPC(74) RAM(B)xPC(30) leaving PC(10) PC(9)
and PC(8) unchanged The ROM data pointed to by the new
address is fetched and loaded into the Q latches Next the
stack is ‘‘popped’’ (SC
xSBxSAxPC) restoring the
saved value of PC to continue sequential program execu-
tion Since LQID pushes SB
xSC the previous contents
of SC are lost
Note
LQID uses 2 instruction cycles if executed one if skipped
JID INSTRUCTION
JID (Jump Indirect) is an indirect addressing instruction
transferring program control to a new ROM location pointed
to indirectly by A and M It loads the lower 8 bits of the ROM
address register PC with the contents of ROM addressed by
the 11-bit word PC108AM PC10PC9 and PC8 are not
affected by JID
Note
JID uses 2 instruction cycles if executed one if skipped
SKT INSTRUCTION
The SKT (Skip On Timer) instruction tests the state of the T
counter overflow latch (see internal logic above) executing
the next program instruction if the latch is not set If the
latch has been set since the previous test the next program
instruction is skipped and the latch is reset The features
associated with this instruction allow the processor to gen-
erate its own time-base for real-time processing rather than
relying on an external input signal
Note
If the most significant bit of the T counter is a 1 when a CAMT instruc-
tion loads the counter the overflow flag will be set The following
sample of codes should be used when loading the counter
load T counter
CAMT
skip if overflow flag is set and reset it
SKT
NOP
IT INSTRUCTION
The IT (idle till timer) instruction halts the processor and
puts it in an idle state until the time-base counter overflows
This idle state reduces current drain since all logic (except
the oscillator and time base counter) is stopped
INIL INSTRUCTION
INIL (Input IL Latches to A) inputs 2 latches IL3 and IL0
CKO and 0 into A The IL3 and IL0 latches are set if a low-
going pulse (‘‘1’’ to ‘‘0’’) has occurred on the IN3 and IN0
inputs since the last INIL instruction provided the input
pulse stays low for at least two instruction cycles Execution
of an INIL inputs IL3 and IL0 into A3 and A0 respectively
and resets these latches to allow them to respond to subse-
quent low-going pulses on the IN3 and IN0 lines If CKO is
mask programmed as a general purpose input an INIL will
input the state of CKO into A2 If CKO has not been so
programmed a ‘‘1’’ will be placed in A2 A0 is input into A1
IL latches are cleared on reset IL latches are not available
on the COP445C425C and COP426C
INSTRUCTION SET NOTES
a The first word of a program (ROM address 0) must be a
CLRA (Clear A) instruction
b Although skipped instructions are not executed they are
still fetched from the program memory Thus program
paths take the same number of cycles whether instruc-
tions are skipped or executed except for JID and LQID
c The ROM is organized into pages of 64 words each The
Program Counter is a 11-bit binary counter and will count
through page boundaries If a JP JSRP JID or LQID is
the last word of a page it operates as if it were in the next
page For example a JP located in the last word of a
page will jump to a location in the next page Also a JID
or LQID located in the last word of every fourth page (ie
hex address 0FF 1FF 2FF 3FF 4FF etc) will access
data in the next group of four pages
Note
The COP424C425C426C needs only 10 bits to address its ROM
Therefore the eleventh bit (P10) is ignored
Power Dissipation
The lowest power drain is when the clock is stopped As the
frequency increases so does current Current is also lower
at lower operating voltages Therefore the user should run
at the lowest speed and voltage that his application will al-
low The user should take care that all pins swing to full
supply levels to insure that outputs are not loaded down and
that inputs are not at some intermediate level which may
draw current Any input with a slow rise or fall time will draw
additional current A crystal or resonator generated clock
input will draw additional current An RC oscillator will draw
even more current since the input is a slow rising signal
If using an external squarewave oscillator the following
equation can be used to calculate operating current drain
ICOeIQaVc40cFiaVc1400cFiDv
where ICOechip operating current drain in microamps
quiescent leakage current (from curve)
CKI frequency in MegaHertz
chip VCC in volts
divide by option selected
For example at 5 volts VCC and 400 kHz (divide by 4)
ICOe20a5c40c04a5c1400c044
ICOe20a80a700e800 mA
At 24 volts VCC and 30 kHz (divide by 4)
ICOe6a24c40c003a24c1400c0034
ICOe6a288a252e3408 mA
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com