Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BALF-SPI-01D3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BALF-SPI-01D3
Description  Low amplitude imbalance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BALF-SPI-01D3 Datasheet(HTML) 2 Page - STMicroelectronics

  BALF-SPI-01D3 Datasheet HTML 1Page - STMicroelectronics BALF-SPI-01D3 Datasheet HTML 2Page - STMicroelectronics BALF-SPI-01D3 Datasheet HTML 3Page - STMicroelectronics BALF-SPI-01D3 Datasheet HTML 4Page - STMicroelectronics BALF-SPI-01D3 Datasheet HTML 5Page - STMicroelectronics BALF-SPI-01D3 Datasheet HTML 6Page - STMicroelectronics BALF-SPI-01D3 Datasheet HTML 7Page - STMicroelectronics BALF-SPI-01D3 Datasheet HTML 8Page - STMicroelectronics BALF-SPI-01D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
BALF-SPI-01D3
2/12
DocID025035 Rev 5
1
Characteristics
Table 1. Absolute maximum ratings (limiting values)
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
PIN
Input power RFIN
-
20
dBm
VESD
ESD ratings human body model (JESD22-A114-C), all I/O one at a
time while others connected to GND
2000
-
V
ESD ratings machine model, all I/O
200
-
TOP
Operating temperature (JESD22-A115-C), all I/O
-40
-
+85
°C
Table 2. Impedances (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
ZRX
Nominal differential RX balun impedance
-
match to SPIRIT1
-
Ω
ZTX
Nominal TX filter impedance
ZANT
Antenna impedance
-
50
-
Ω
Table 3. RF performance (Tamb = 25 °C)
Symbol
Parameter
Test condition
Value
Unit
Min.
Typ.
Max.
F
Frequency range (bandwidth)
779
868
956
MHz
S21RX-ANT
Insertion loss in bandwidth
without mismatch loss (RX balun)
-1.7
-2
dB
S21TX-ANT
Insertion loss in bandwidth
without mismatch loss (TX filter)
-1.4
-2
dB
S11ANT
Input return loss in bandwidth (RX balun)
-23
-15
dB
S11ANT
Input return loss in bandwidth (TX filter)
-15
-12
dB
imb
Output phase imbalance (RX balun)
5
10
15
°
Aimb
Output amplitude imbalance (RX balun)
0.35
0.8
dB
Att
Harmonic levels (TX filter)
Attenuation at 2fo
-35
dBm
Attenuation at 3fo
-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com