Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54C221 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C221
Description  Dual Monostable Multivibrator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C221 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54C221 Datasheet HTML 1Page - National Semiconductor (TI) MM54C221 Datasheet HTML 2Page - National Semiconductor (TI) MM54C221 Datasheet HTML 3Page - National Semiconductor (TI) MM54C221 Datasheet HTML 4Page - National Semiconductor (TI) MM54C221 Datasheet HTML 5Page - National Semiconductor (TI) MM54C221 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5904
February 1988
MM54C221MM74C221 Dual Monostable Multivibrator
General Description
The MM54C221MM74C221 dual monostable multivibrator
is a monolithic complementary MOS integrated circuit Each
multivibrator features a negative-transition-triggered input
and a positive-transition-triggered input either of which can
be used as an inhibit input and a clear input
Once fired the output pulses are independent of further
transitions of the A and B inputs and are a function of the
external timing components CEXT and REXT The pulse
width is stable over a wide range of temperature and VCC
Pulse stability will be limited by the accuracy of external
timing components The pulse width is approximately de-
fined by the relationship tW(OUT)
CEXT REXT For further
information and applications see AN-138
Features
Y
Wide supply voltage range
45V to 15V
Y
Guaranteed noise margin
10V
Y
High noise immunity
045 VCC (typ)
Y
Low power TTL compatibility
fan out of 2
driving 74L
Connection Diagrams
Timing Component
TLF5904 – 1
Dual-In-Line Package
TLF5904 – 2
Top View
Order Number MM54C221 or MM74C221
Truth Table
Inputs
Outputs
Clear
A
B
Q
Q
LX
X
L
H
XH
X
L
H
XX
L
L
H
HL
u
H
v
H
H
e
High level
L
e
Low level
u e Transition from low to high
v e Transition from high to low
e
One high level pulse
e
One low level pulse
X
e
Irrelevant
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54C221

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C20 NSC-MM54C20 Datasheet
146Kb / 6P
Quad 2-Input NAND Gate, Quad 2-Input NOR Gate, Hex Inverter, Triple 3-Input NAND Gate, Dual 4-Input NAND Gate
logo
Texas Instruments
MM54C200 TI1-MM54C200 Datasheet
385Kb / 8P
256-Bit TRI-STATE Random Access Read/Write Memory
MM54C200J TI1-MM54C200J Datasheet
385Kb / 8P
256-Bit TRI-STATE Random Access Read/Write Memory
MM54C200N TI1-MM54C200N Datasheet
385Kb / 8P
256-Bit TRI-STATE Random Access Read/Write Memory
logo
National Semiconductor ...
MM54C240 NSC-MM54C240 Datasheet
142Kb / 6P
Octal Buffers and Line Drivers with TRI-STATE Outputs
More results

Similar Description - MM54C221

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B Datasheet
104Kb / 8P
Dual monostable multivibrator
January 1995
logo
STMicroelectronics
HCC4098B STMICROELECTRONICS-HCC4098B Datasheet
324Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jun-1989
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
DUAL MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
Dual Monostable Multivibrator
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
Dual monostable multivibrator
Rev. 11 - 4 March 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com