Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL6732 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVAL6732
Description  L6732 20A demoboard realizes in a four layer PCB a step-down DC/DC converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6732 Datasheet(HTML) 2 Page - STMicroelectronics

  EVAL6732 Datasheet HTML 1Page - STMicroelectronics EVAL6732 Datasheet HTML 2Page - STMicroelectronics EVAL6732 Datasheet HTML 3Page - STMicroelectronics EVAL6732 Datasheet HTML 4Page - STMicroelectronics EVAL6732 Datasheet HTML 5Page - STMicroelectronics EVAL6732 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Features
EVAL6732
2/6
1
Features
Figure 1.
Demoboard schematic
Table 1.
Demoboard part list
Reference
Value
Manufacturer
Package
Supplier
R1
1 k
Neohm
SMD 0603
IFARCAD
R2
1 k
Neohm
SMD 0603
IFARCAD
R3
4.7 k
R4
2.7 k
Neohm
SMD 0603
IFARCAD
R5
0
Neohm
SMD 0603
IFARCAD
R6
N.C.
Neohm
SMD 0603
IFARCAD
R7
2 k
Neohm
SMD 0603
IFARCAD
R8
10
Neohm
SMD 0603
IFARCAD
R9
1.5 k
Neohm
SMD 0603
IFARCAD
R10
2.2
Neohm
SMD 0603
IFARCAD
R11
2.2
Neohm
SMD 0603
IFARCAD
R12
N.C.
Neohm
SMD 0603
IFARCAD
R13
10k
Neohm
SMD 0603
IFARCAD
C1
4.7 nF
Kemet
SMD 0603
IFARCAD
C2
47 nF
Kemet
SMD 0603
IFARCAD
C3
1 nF
Kemet
SMD 0603
IFARCAD
C4
100 nF
Kemet
SMD 0603
IFARCAD
L1
Q1-3
Q4-6
D3
9
U1
L6732
VIN
VOUT
12
OCH
C11
GOUT
R9
C9
13
14
10
11
HGATE
PHASE
LGATE
PGND
7
VCC
16
VCC
6
SS
C4
BOOT
D1
15
VCCDR
C10
5
VFB
COMP
R3
R1
C1
R2
C2
C3
R4
R7
8
EAREF
C7
R8
4
3
GND
GIN
OCL
R10
R11
C12-C13
C16-C19
C5
R6
R5
C8
J1
R12
C15
EXT REF
J2
PGOOD
SYNCH
1
2
SYNCH
VCCDR
PGOOD
R13



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com