Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-L9301 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVAL-L9301
Description  Logic inputs TTLcompatible
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL-L9301 Datasheet(HTML) 2 Page - STMicroelectronics

  EVAL-L9301 Datasheet HTML 1Page - STMicroelectronics EVAL-L9301 Datasheet HTML 2Page - STMicroelectronics EVAL-L9301 Datasheet HTML 3Page - STMicroelectronics EVAL-L9301 Datasheet HTML 4Page - STMicroelectronics EVAL-L9301 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EVAL-L9301 overview
EVAL-L9301
2/5
DocID029478 Rev 1
1
EVAL-L9301 overview
1.1
Evaluation kit contents
The EVAL-L9301 board can be directly connected to the SPC560P-DISP uC discovery
board (see Figure 1). SPC560P-DISP is not included into the kit.
Figure 1. SPC560P-DISP+L9301 Demo board
1.2
System requirements
Power Supply: 5 V ÷ 18 V; max 8A
SPC560P-DISP Discovery
Windows PC
1.3
Loads
Electronic valves for ABS applications (inductuance=1,14mH, resistance=4,6
Ω)
Freewheeling diodes (if required)
1.4
Development toolchain
LabView and UDE VISUAL PLATFORM
Mini USB - B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com