Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ST95HF Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVAL-ST95HF
Description  Evaluation kit for ST95HF transceiver for NFC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL-ST95HF Datasheet(HTML) 1 Page - STMicroelectronics

  EVAL-ST95HF Datasheet HTML 1Page - STMicroelectronics EVAL-ST95HF Datasheet HTML 2Page - STMicroelectronics EVAL-ST95HF Datasheet HTML 3Page - STMicroelectronics EVAL-ST95HF Datasheet HTML 4Page - STMicroelectronics EVAL-ST95HF Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For further information contact your local STMicroelectronics sales office.
July 2016
DocID026572 Rev 2
1/5
EVAL-ST95HF
Evaluation kit for ST95HF transceiver for NFC
Data brief
Features
• Ready to use printed circuit board with ST95HF
13.56 MHz transceiver (32 leads, 5x5 mm
VFQFPN package):
– Reader mode: ISO/IEC 14443 Type A;
ISO/IEC 15693; ISO/IEC 18092
– Card Emulation mode: ISO/IEC 14443
Type A
The ST95HF also supports the detection, reading
and writing of NFC Forum Type 1, 2, 3 and 4 tags.
• STM32F103RGT6, an STM32 32-bit ARM®
Cortex® microcontroller in LQFP64 package,
with 1 Mbyte of Flash memory
• 47 mm x 34 mm, four turns, 13.56 MHz
inductive antenna etched on PCB, and
associated tuning circuit
• Mini USB connector for board powering
• Five different color LEDs, indicating the
presence of RF field and protocol used to
communicate
• JTAG connector for microcontroller firmware
download and debug
• Joystick for menu selection
• LCD color screen (320 x 200 pixels)
• USB cable: Type A / mini B
Bottom
Top
www.st.com


Similar Part No. - EVAL-ST95HF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL-SCS001V1 STMICROELECTRONICS-EVAL-SCS001V1 Datasheet
4Mb / 4P
Fast and easy migration from DC barrel to Type-C
14-Sep-2020
logo
Analog Devices
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
469Kb / 24P
16-Bit Lower Power
REV. B
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
503Kb / 24P
16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
959Kb / 68P
The AD7176-2 is a fast settling, highly accurate, high resolution, multiplexed 誇-? analog-to-digital converter (ADC) for low band-width input signals.
REV. 0
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
673Kb / 28P
16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
More results

Similar Description - EVAL-ST95HF

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EK13 APEX-EK13 Datasheet
166Kb / 2P
EVALUATION KIT FOR PA241DF
EK22 APEX-EK22 Datasheet
526Kb / 5P
EVALUATION KIT FOR PA94/PA95
EK28 APEX-EK28 Datasheet
157Kb / 2P
EVALUATION KIT FOR PA97
EK34 APEX-EK34 Datasheet
200Kb / 2P
EVALUATION KIT FOR PA240CX
EK54 APEX-EK54 Datasheet
270Kb / 2P
EVALUATION KIT FOR PA60DK
EK55 APEX-EK55 Datasheet
270Kb / 2P
EVALUATION KIT FOR PA62DK
EK-SA50 APEX-EK-SA50 Datasheet
144Kb / 1P
EVALUATION KIT FOR SA50
EK-SA51 APEX-EK-SA51 Datasheet
141Kb / 1P
EVALUATION KIT FOR SA51
logo
Maxim Integrated Produc...
MAX3678EVKIT MAXIM-MAX3678EVKIT Datasheet
78Kb / 1P
Evaluation Kit for the MAX3678
11/9/2009
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
PN5180 NFC Frontend Development Kit for POS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com