Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVALSTPM33 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVALSTPM33
Description  IEC61000 standard compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSTPM33 Datasheet(HTML) 2 Page - STMicroelectronics

  EVALSTPM33 Datasheet HTML 1Page - STMicroelectronics EVALSTPM33 Datasheet HTML 2Page - STMicroelectronics EVALSTPM33 Datasheet HTML 3Page - STMicroelectronics EVALSTPM33 Datasheet HTML 4Page - STMicroelectronics EVALSTPM33 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Schematic diagrams
EVALSTPM33
2/5
DocID026139 Rev 1
1
Schematic diagrams
Figure 1. RS232/UART circuit schematic
J3
RS-232 enable
J2
UART I/O
J1
RS-232 DB9
SW1
SW DIP-3
C6
100n
C1
100n
C4
100n
U1
MAX3232/SO
GND
15
VCC
16
R1IN
13
R2IN
8
T2IN
10
T1IN
11
C1+
1
C1-
3
C2+
4
C2-
5
R1OUT
12
R2OUT
9
T1OUT
14
T2OUT
7
V+
2
V-
6
C2
100n
R1
10K
C7
100n
U2
Si8621
VDD1
1
GND1
4
GND2
5
VDD2
8
A1-in
2
A2-out
3
B2-in
6
B1-out
7
C5
100n
C3
100n
Vcc
SCS
RXD
TXD
Vcc
1 RXD
2 TXD
3 +3.3VDC
4 GND
NOTE: always provide supply
for both RS232 and UART
GALVANIC ISOLATION
ALL SWs OFF SELECT SPI AT POWER UP
ALL SWs ON SELECT UART AT POWER UP
GIPG25032014DI1530



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com