Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54C240 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C240
Description  Octal Buffers and Line Drivers with TRI-STATE Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C240 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54C240 Datasheet HTML 1Page - National Semiconductor (TI) MM54C240 Datasheet HTML 2Page - National Semiconductor (TI) MM54C240 Datasheet HTML 3Page - National Semiconductor (TI) MM54C240 Datasheet HTML 4Page - National Semiconductor (TI) MM54C240 Datasheet HTML 5Page - National Semiconductor (TI) MM54C240 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5905
February 1988
MM54C240MM74C240 Inverting
MM54C244MM74C244 Non-Inverting
Octal Buffers and Line Drivers with TRI-STATE
Outputs
General Description
These octal buffers and line drivers are monolithic comple-
mentary MOS (CMOS) integrated circuits with TRI-STATE
outputs These outputs have been specially designed to
drive highly capacitive loads such as bus-oriented systems
These devices have a fan out of 6 low power Schottky
loads A high logic level on the output disable control input
G makes the outputs go into the high impedance state For
improved TTL input compatibility see MM74C941
Features
Y
Wide supply voltage range (3V to 15V)
Y
High noise immunity (045 VCC typ)
Y
Low power consumption
Y
High capacitive load drive capability
Y
TRI-STATE outputs
Y
Input protection
Y
TTL compatibility
Y
20-pin dual-in-line package
Y
High speed 25 ns (typ)
10V 50 pF (MM74C244)
Logic and Connection Diagrams
MM54C240MM74C240
TLF5905 – 1
MM54C240MM74C240 Dual-In-Line Package
TLF5905 – 2
Top View
Order Number MM54C240 or MM74C240
MM54C244MM74C244
TLF5905 – 3
MM54C244MM74C244 Dual-In-Line Package
TLF5905 – 4
Top View
Order Number MM54C244 or MM74C244
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54C240

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C20 NSC-MM54C20 Datasheet
146Kb / 6P
Quad 2-Input NAND Gate, Quad 2-Input NOR Gate, Hex Inverter, Triple 3-Input NAND Gate, Dual 4-Input NAND Gate
logo
Texas Instruments
MM54C200 TI1-MM54C200 Datasheet
385Kb / 8P
256-Bit TRI-STATE Random Access Read/Write Memory
MM54C200J TI1-MM54C200J Datasheet
385Kb / 8P
256-Bit TRI-STATE Random Access Read/Write Memory
MM54C200N TI1-MM54C200N Datasheet
385Kb / 8P
256-Bit TRI-STATE Random Access Read/Write Memory
logo
National Semiconductor ...
MM54C221 NSC-MM54C221 Datasheet
148Kb / 6P
Dual Monostable Multivibrator
More results

Similar Description - MM54C240

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F240DM NSC-54F240DM Datasheet
189Kb / 10P
Octal Buffers/Line Drivers with TRI-STATE Outputs
logo
Texas Instruments
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
National Semiconductor ...
54ACQ244 NSC-54ACQ244 Datasheet
29Kb / 7P
Octal Buffers/Line Drivers With TRI-State Outputs
MM54C941 NSC-MM54C941 Datasheet
136Kb / 6P
Octal Buffers/Line Receivers/ Line Drivers with TRI-STATE Outputs
54ACT240DMQB NSC-54ACT240DMQB Datasheet
18Kb / 6P
Octal Buffers/Line Drivers With TRI-State Outputs
logo
Texas Instruments
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
54F240 TI1-54F240 Datasheet
439Kb / 12P
Octal Buffers/Line Drivers with TRI-STATE(RM) Outputs
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com