Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54LS251J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54LS251J
Description  TRI-STATE Data Selectors/Multiplexers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS251J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM54LS251J Datasheet HTML 1Page - National Semiconductor (TI) DM54LS251J Datasheet HTML 2Page - National Semiconductor (TI) DM54LS251J Datasheet HTML 3Page - National Semiconductor (TI) DM54LS251J Datasheet HTML 4Page - National Semiconductor (TI) DM54LS251J Datasheet HTML 5Page - National Semiconductor (TI) DM54LS251J Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6415
June 1989
DM54LS251DM74LS251
TRI-STATE
Data SelectorsMultiplexers
General Description
These data selectorsmultiplexers contain full on-chip bina-
ry decoding to select one-of-eight data sources and feature
a strobe-controlled TRI-STATE output The strobe must be
at a low logic level to enable these devices The TRI-STATE
outputs permit direct connection to a common bus When
the strobe input is high both outputs are in a high-imped-
ance state in which both the upper and lower transistors of
each totem-pole output are off and the output neither drives
nor loads the bus significantly When the strobe is low the
outputs are activated and operate as standard TTL totem-
pole outputs
To minimize the possibility that two outputs will attempt to
take a common bus to opposite logic levels the output con-
trol circuitry is designed so that the average output disable
time is shorter than the average output enable time
Features
Y
TRI-STATE version of LS151
Y
Interface directly with system bus
Y
Perform parallel-to-serial conversion
Y
Permit multiplexing from N-lines to one line
Y
Complementary outputs provide true and inverted data
Y
Maximum number of common outputs
54LS
49
74LS
129
Y
Typical propagation delay time (D to Y)
54LS
17 ns
74LS
17 ns
Y
Typical power dissipation
54LS
35 mW
74LS
35 mW
Connection Diagram
Dual-In-Line Package
TLF6415 – 1
Order Number DM54LS251J DM54LS251W
DM74LS251M or DM74LS251N
See NS Package Number J16A M16A N16E or W16A
Function Table
Inputs
Outputs
Select
Strobe
YW
CBA
S
XXX
H
Z
Z
L
L
L
L
D0
D0
L
L
H
L
D1
D1
L
H
L
L
D2
D2
L
H
H
L
D3
D3
H
L
L
L
D4
D4
H
L
H
L
D5
D5
H
H
L
L
D6
D6
H
H
H
L
D7
D7
H e High Logic Level L e Low Logic Level
X e Don’t Care Z e High Impedance (Off)
D0 D1
D7 e The level of the respective D input
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM54LS251J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS25 NSC-DM54LS25 Datasheet
153Kb / 6P
8-Bit Addressable Latches
DM54LS253 NSC-DM54LS253 Datasheet
158Kb / 6P
TRI-STATE Data Selectors/Multiplexers
DM54LS253J NSC-DM54LS253J Datasheet
158Kb / 6P
TRI-STATE Data Selectors/Multiplexers
DM54LS253W NSC-DM54LS253W Datasheet
158Kb / 6P
TRI-STATE Data Selectors/Multiplexers
logo
Texas Instruments
DM54LS257B TI1-DM54LS257B Datasheet
413Kb / 10P
TRI-STATE(RM) Quad 2-Data Selectors/Multiplexers
More results

Similar Description - DM54LS251J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS257A NSC-54LS257A Datasheet
163Kb / 8P
TRI-STATE Quad 2-Data Selectors/Multiplexers
logo
Fairchild Semiconductor
DM74150 FAIRCHILD-DM74150 Datasheet
47Kb / 4P
Data Selectors/Multiplexers
DM74LS257B FAIRCHILD-DM74LS257B Datasheet
56Kb / 5P
3-STATE Quad 2-Data Selectors/Multiplexers
logo
National Semiconductor ...
54LS253 NSC-54LS253 Datasheet
158Kb / 6P
TRI-STATE Data Selectors/Multiplexers
DM74251 NSC-DM74251 Datasheet
188Kb / 4P
TRI-STATE 1 of 8 Line Data Selectors/Multiplexers
DM74253 NSC-DM74253 Datasheet
167Kb / 4P
TRI-STATE 1 of 8 Line Data Selectors/Multiplexers
DM54S257 NSC-DM54S257 Datasheet
153Kb / 8P
TRI-STATE QUAD 1 OF 2 DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN74150J TI-SN74150J Datasheet
1Mb / 25P
DATA SELECTORS/MULTIPLEXERS
54LS257 TI1-54LS257 Datasheet
413Kb / 10P
TRI-STATE(RM) Quad 2-Data Selectors/Multiplexers
SN54150 TI1-SN54150_16 Datasheet
1Mb / 24P
DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com